Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF857DGG Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF857DGG
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF857DGG Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCVF857DGG Datasheet HTML 3Page - Texas Instruments CDCVF857DGG Datasheet HTML 4Page - Texas Instruments CDCVF857DGG Datasheet HTML 5Page - Texas Instruments CDCVF857DGG Datasheet HTML 6Page - Texas Instruments CDCVF857DGG Datasheet HTML 7Page - Texas Instruments CDCVF857DGG Datasheet HTML 8Page - Texas Instruments CDCVF857DGG Datasheet HTML 9Page - Texas Instruments CDCVF857DGG Datasheet HTML 10Page - Texas Instruments CDCVF857DGG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CDCVF857
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS047D − MARCH 2003 − REVISED JUNE 2005
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Without load
fO = 170 MHz
120
140
Without load
fO = 200 MHz
125
150
IDD
Dynamic current on VDDQ
Differential outputs terminated with
fO = 170 MHz
220
270
mA
IDD
Dynamic current on VDDQ
Differential outputs terminated with
120
Ω/CL = 0 pF
fO = 200 MHz
230
280
mA
Differential outputs terminated with
fO = 170 MHz
280
330
Differential outputs terminated with
120
Ω/CL = 14 pF
fO = 200 MHz
300
350
∆C
Part-to-part input capacitance variation
VDDQ = 2.5 V, VI = VDDQ or GND
1
pF
CI(∆)
Input capacitance difference between
CLK and CKB, FBIN, and FBINB
VDDQ = 2.5 V, VI = VDDQ or GND
0.25
pF
† All typical values are at a respective nominal VDDQ.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fCLK
Operating clock frequency
60
220
MHz
fCLK
Application clock frequency
90
220
MHz
Input clock duty cycle
40%
60%
Stabilization time{ (PLL mode)
10
µs
Stabilization time} (bypass mode)
30
ns
† The time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at CLK and VDD must be applied. Until phase lock is obtained, the specifications
for propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This parameter does not apply
for input modulation under SSC application.
‡ A recovery time is required when the device goes from power-down mode into bypass mode (AVDD at GND).
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLHw
Low-to-high level propagation delay time
Test mode/CLK to any output
3.5
ns
tPHLw
High-to-low level propagation delay time
Test mode/CLK to any output
3.5
ns
tjit(per)W
Jitter (period), See Figure 7
100 MHz (PC1600)
−65
65
ps
tjit(per)W
Jitter (period), See Figure 7
133/167/200 MHz (PC2100/2700/3200)
−30
30
ps
tjit(cc)W
Jitter (cycle-to-cycle), See Figure 4
100 MHz (PC1600)
−50
50
ps
tjit(cc)W
Jitter (cycle-to-cycle), See Figure 4
133/167/200 MHz (PC2100/2700/3200)
−35
35
ps
tjit(hper)W
Half-period jitter, See Figure 8
100 MHz (PC1600)
−100
100
ps
tjit(hper)W
Half-period jitter, See Figure 8
133/167/200 MHz (PC2100/2700/3200)
−75
75
ps
tslr(o)
Output clock slew rate, See Figure 9
Load: 120
Ω/14 pF
1
2
V/ns
t(Ø)
Static phase offset, See Figure 5
100/133/167/200 MHz
–50
50
ps
tsk(o)
Output skew, See Figure 6
Load: 120
Ω/14 pF
100/133/167/200 MHz
40
ps
§ Refers to the transition of the noninverting output.
¶ This parameter is assured by design but can not be 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com