Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMA411 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMA411
Description  LOW-NOISE X-BAND MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA411 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA411 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA411 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA411 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRELIMINARY
FMA411
LOW-NOISE X-BAND MMIC
Phone: +1 408 850-5790
www.filcs.com
Revised: 7/19/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
ABSOLUTE MAXIMUM RATINGS1
Parameter
Symbol
Test Conditions
Min
Max
Units
Supply Voltage
VDD
For any operating current
8
V
Supply Current
IDD
For VDD < 7V
75% IDSS
mA
RF Input Power
PIN
For standard bias conditions
0
dBm
Storage Temperature
TSTG
Non-Operating Storage
-40
150
ºC
Total Power Dissipation
PTOT
See De-Rating Note below
980
mW
Gain Compression
Comp.
Under any bias conditions
5
dB
Simultaneous Combination of Limits2
2 or more Max. Limits
80
%
1TAmbient = 22°C unless otherwise noted
2Users should avoid exceeding 80% of 2 or more Limits simultaneously
Notes:
•
Operating conditions that exceed the Absolute Maximum Ratings will result in permanent damage to the device.
•
Total Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where:
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
•
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 0.6 - (0.004W/°C) x TCARRIER
where TCARRIER = carrier or heatsink temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 55
°C carrier temperature: PTOT = 0.6 - (0.004 x (55 – 22)) = 0.47W
•
For optimum heatsinking eutectic die attach is recommended; conductive epoxy die attach is acceptable with
some degradation in thermal de-rating performance (PTOT = 550mW)
•
Note on Thermal Resistivity: The nominal value of 250
°C/W is stated for the input stage, which will reach
temperature limits before the output stage. The aggregate MMIC thermal resistivity is approximately 175
°C/W.
•
HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A per ESD-STM5.1-1998, Human Body Model.
Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com