Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2001 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2001
Description  Low Loss SPDT Reflective pHEMT MMIC Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2001 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2001 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2001 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2001 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary Data Sheet
1.0
FMS2001 ES1
Low Loss SPDT Reflective pHEMT MMIC Switch
FMS2001 ES1
Description
The FMS2001 is a low loss linear Single-Pole Double-Throw Antenna Switch
designed for use in mobile handset applications. The switch is designed with
one antenna port that can be routed to any one of the two RF ports.
Features
· Low insertion loss (0.6dB @ 900 MHz)
· Operation down to 2V control
· 2 control lines. Single positive voltage supply
· Low harmonics (Typical -68dBc at Pin=+34.5dBm)
· High Isolation (30 dB @ 900 MHz)
· Filtronic Advanced GaAs pHEMT Technology
Electrical Characteristics (at 25C°, [Vctrl 0,+2.7V], 50 Ohm system, under CW )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
0.5
dB
2
0.6
dB
Insertion Loss
IL
3
0.6
dB
1
35
dB
Isolation –
RF – Ant on.
ISO
2
25
dB
S11
S11
1
-23
dB
S11
S11
2
-15
dB
2fo
3
-70
dBc
Harmonics
3fo
3
-68
dBc
Leakage Current - Tx
IlkTx
3
1.7
mA
Leakage Current – Rx
IlkRx
3
1.8
mA
Condition
1
Small signal, DC – 1GHz, Vctrl = 2.7V/0V
2
Small signal, 1-2 GHz, Vctrl = 2.7V/0V
3
Input power=34.5dBm, EGSM Tx 880-915MHz, Vctrl=2.7V/0V
GaAs MMIC’s are ESD sensitive devices. Special handling precautions are required.
Truth Table
Control Voltage
Operation
Vctrl 1
Vctrl 2
RF1-Ant
High
Low
RF2-Ant
Low
High
Control Levels
Control
Min
Typ.
Max
Unit
High
2.7
V
Low
0
V
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd, Heighington Lane Business Park, Newton Aycliffe, Co Durham. DL5 6JW.
Contact Details: Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Website: www.filcs.com


Similar Part No. - FMS2001

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2001QFN FILTRONIC-FMS2001QFN Datasheet
155Kb / 4P
SPDT Reflective pHEMT MMIC Switch
More results

Similar Description - FMS2001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
Reflective SPDT GaAs MMIC Switch
logo
Skyworks Solutions Inc.
AS002R2-12 SKYWORKS-AS002R2-12 Datasheet
425Kb / 2P
GaAs IC SPDT Low Loss Switch Reflective DC-2.5 GHz
logo
Filtronic Compound Semi...
FMS2001QFN FILTRONIC-FMS2001QFN Datasheet
155Kb / 4P
SPDT Reflective pHEMT MMIC Switch
FMS2002 FILTRONIC-FMS2002 Datasheet
635Kb / 4P
SP3T Reflective pHEMT MMIC Switch
FMS2002QFN FILTRONIC-FMS2002QFN Datasheet
588Kb / 3P
SP3T Reflective pHEMT MMIC Switch
FMS2003 FILTRONIC-FMS2003 Datasheet
459Kb / 4P
SP4T Reflective pHEMT MMIC Switch
FMS2024 FILTRONIC-FMS2024 Datasheet
149Kb / 4P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Skyworks Solutions Inc.
AS004L2-11 SKYWORKS-AS004L2-11 Datasheet
33Kb / 2P
GaAs IC SPDT Low Loss Switch Reflective DC-4 GHz
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
TriQuint Semiconductor
TQP4M0008 TRIQUINT-TQP4M0008_15 Datasheet
217Kb / 7P
Low Loss Reflective SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com