Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS7008-2EPA Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS7008-2EPA
Description  PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7008-2EPA Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS7008-2EPA Datasheet HTML 9Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 10Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 11Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 12Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 13Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 14Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 15Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 16Page - Infineon Technologies AG BTS7008-2EPA Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Data Sheet
13
Rev. 1.14
2019-10-15
BTS7008-2EPA
PROFET™+2 12V
Logic Pins
5
Logic Pins
The device has 4 digital pins for direct control.
5.1
Input Pins (INn)
The input pins IN0, IN1 activate the corresponding output channel. The input circuitry is compatible with 3.3V
and 5V microcontroller (see Chapter 10 for the complete application setup overview). The electrical
equivalent of the input circuitry is shown in Figure 11. In case the pin is not used, it must be connected with a
10 kΩ resistor either to GND pin or to module ground.
Figure 11 Input circuitry
The logic thresholds for “low” and “high” states are defined by parameters VDI(TH) and VDI(HYS). The relationship
between these two values is shown in Figure 12. The voltage VIN needed to ensure a “high” state is always
higher than the voltage needed to ensure a “low” state.
Figure 12 Input Threshold voltages and hysteresis
GND
IN
IGND
IDI
VDI
Input_IN_INTDIO.emf
VS
VS(CLAMP)
IDI
ESD
VDI(CLAMP)
Input_VDITH_2.emf
VDI(TH),MAX
VDI(HYS)
t
VDI
VDI(TH),MIN
Internal channel
activation signal
t
0
x
1
x
0
VDI(TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com