Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS7200-2EPA Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # BTS7200-2EPA
Description  PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7200-2EPA Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button BTS7200-2EPA Datasheet HTML 47Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 48Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 49Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 50Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 51Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 52Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 53Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 54Page - Infineon Technologies AG BTS7200-2EPA Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
Data Sheet
51
Rev. 1.03
2019-10-15
BTS7200-2EPA
PROFET™+2 12V
Diagnosis
9.6.1
Diagnosis Power Output Stage - 200 mΩ
Table 22
Electrical Characteristics: Diagnosis - 200 mΩ
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Open Load Output Current
at IIS = 4 µA
IL(OL)_4u
12
4mA
IIS = IIS(OL) = 4 µA
See Figure 33
P_9.7.9.1
Current Sense Ratio at
IL = IL01
kILIS01
-25.0% 665
+25.0%
IL01 = 10 mA
P_9.7.9.5
Current Sense Ratio at
IL = IL02
kILIS02
-24.0% 665
+24.0%
IL02 = 20 mA
P_9.7.9.6
Current Sense Ratio at
IL = IL04
kILIS04
-22.5% 665
+22.5%
IL04 = 50 mA
P_9.7.9.8
Current Sense Ratio at
IL = IL08
kILIS08
-11.0% 665
+11.0%
IL08 = 250 mA
P_9.7.9.12
Current Sense Ratio at
IL = IL09
kILIS09
-8.5%
665
+8.5%
IL09 = 450 mA
P_9.7.9.13
Current Sense Ratio at
IL = IL11
kILIS11
-6.0%
670
+6.0%
IL11 = 1 A
P_9.7.9.15
Current Sense Ratio at
IL = IL13
kILIS13
-5.0%
670
+5.0%
IL13 = 2 A
P_9.7.9.17
SENSE Current Derating
with Low Current
Calibration
ΔkILIS(OL)
-30
0
+30
%
1)
IL(CAL)_OL = IL02
IL(CAL)_OL_H = IL04
IL(CAL)_OL_L = IL01
TA(CAL) = 25 °C
See Figure 32
P_9.7.9.27
SENSE Current Derating
with Nominal Current
Calibration
ΔkILIS(NOM)
-5
0
+5
%
1)
IL(CAL) = IL11
IL(CAL)_H = IL13
IL(CAL)_L = IL09
TA(CAL) = 25 °C
See Figure 32
1) Not subject to production test - specified by design.
P_9.7.9.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com