Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2001QFN Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2001QFN
Description  SPDT Reflective pHEMT MMIC Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2001QFN Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2001QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2001QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2001QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2001QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary Data Sheet 2.2
SPDT Reflective pHEMT MMIC Switch
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.com
FMS2001QFN
Description
The FMS2001QFN is a low loss linear Single-Pole Double-Throw Antenna Switch
designed for use in mobile handset applications. The switch is designed with one antenna
port that can be routed to any one of the two RF ports.
Features
• Low insertion loss (0.6dB @ 900 MHz)
• Operation down to 2V control
• 2 control lines. Single positive voltage supply
• Low harmonics (Typical -70dBc at Pin=+34.5dBm)
• High Isolation (30 dB @ 900 MHz)
• Low cost QFN 12 lead 3*3 package
• Filtronic Advanced GaAs 0.5 µm pHEMT Technology
Electrical Characteristics (at 25C°, [Vc 0,+2.7V], 50Ω system, CW )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
0.5
dB
2
0.6
dB
Insertion Loss
IL
3
0.5
dB
1
35
dB
Isolation –
RF – Ant on.
ISO
2
25
dB
S11
S11
1
-23
dB
S11
S11
2
-15
dB
2fo
3
-70
dBc
Harmonics
3fo
3
-70
dBc
Leakage Current - Tx
IlkTx
3
2
µA
Leakage Current – Rx
IlkRx
3
2
µA
Condition
1
Small signal, DC – 1GHz, Vc = 2.7V/0V
2
Small signal, 1-2 GHz, Vc = 2.7V/0V
3
Input power=34.5dBm, EGSM Tx 880-915MHz, Vc=2.7V/0V
GaAs MMIC’s are ESD sensitive devices. Special handling precautions are required.
Truth Table
Control Voltage
Operation
V 1
V 2
RF1-ANT
HIGH
0
RF2-ANT
0
HIGH
Control Levels
Control
Typ.
HIGH
+2.7 to +5.0V
LOW
0.0 to +0.2V


Similar Part No. - FMS2001QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2001 FILTRONIC-FMS2001 Datasheet
395Kb / 3P
Low Loss SPDT Reflective pHEMT MMIC Switch
FMS2001ES1 FILTRONIC-FMS2001ES1 Datasheet
395Kb / 3P
Low Loss SPDT Reflective pHEMT MMIC Switch
More results

Similar Description - FMS2001QFN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
Reflective SPDT GaAs MMIC Switch
logo
Filtronic Compound Semi...
FMS2001 FILTRONIC-FMS2001 Datasheet
395Kb / 3P
Low Loss SPDT Reflective pHEMT MMIC Switch
FMS2002 FILTRONIC-FMS2002 Datasheet
635Kb / 4P
SP3T Reflective pHEMT MMIC Switch
FMS2002QFN FILTRONIC-FMS2002QFN Datasheet
588Kb / 3P
SP3T Reflective pHEMT MMIC Switch
FMS2003 FILTRONIC-FMS2003 Datasheet
459Kb / 4P
SP4T Reflective pHEMT MMIC Switch
FMS2024 FILTRONIC-FMS2024 Datasheet
149Kb / 4P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD_07 Datasheet
294Kb / 4P
0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC547LC3 HITTITE-HMC547LC3_12 Datasheet
535Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com