Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR78L05F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FR78L05F
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR78L05F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FR78L05F Datasheet HTML 1Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 2Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 3Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 4Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 5Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 6Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 7Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 8Page - First Silicon Co., Ltd FR78L05F Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ELECTRICAL CHARACTERISTICS
FR78L05/F
(Unless otherwise specified, VIN=10V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, 0℃≤T ≤125℃
j
)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25℃
4.75
5.0
5.25
V
Line Regulation
Reg line
1
Tj=25℃
7.0V≤
≤
VIN 20V
-
32
150
mV
8.0V≤
≤
VIN 20V
26
100
Load Regulation
Reg load
1
Tj=25℃
1.0mA≤
≤
IOUT 100mA
-
15
60
mV
1.0mA≤
≤
IOUT 40mA
-
8
30
7.0V≤
≤
VIN 20V,
1.0mA≤
≤
IOUT 40mA
5.25
V
1.0mA≤
≤
IOUT 70mA
5.25
Quiescent Current
IB
1
Tj=25℃
-
3.1
6.0
mA
Tj=125℃
-
-
5.5
Quiescent Current Change
ΔIB
1
9.0V≤
≤
VIN 20V
-
-
1.5
mA
1.0mA≤
≤
IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25℃, 10Hz≤ ≤
f 100kHz
-
42
-
μVrms
RR
2
f=120Hz,
8.0V≤
≤
VIN 20V, Tj=25℃
41
49
-
dB
Dropout Voltage
VD
1
Tj=25℃
-
1.7
-
V
2007. 5. 20
2/11
FR78L05/F ~ FR78L24/F
Revision No : 1
-
4.75
4.75
-
-
Ripple Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com