Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR78L06 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FR78L06
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR78L06 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FR78L06 Datasheet HTML 1Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 2Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 3Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 4Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 5Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 6Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 7Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 8Page - First Silicon Co., Ltd FR78L06 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
FEATURES
Best Suited to Power Supply for TTL, C
2-MOS.
No External Part Needed.
Built-in Thermal Protective Circuit.
Max. Output Current 100mA (Tj=25℃).
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
5V ~ 10V
VIN
30
V
18V ~ 24V
40
Power Dissipation
PD
500
mW
Operating Junction Temperature
Tj
-30 ~ 150
Storage Temperature
Tstg
-55 ~ 150
2007. 5. 20
1/11
SEMICONDUCTOR
TECHNICAL DATA
FR78L05/F~FR78L24/F
Revision No : 1
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
MAXIMUM RATINGS (Ta=25℃)
12V ~ 18V
35
℃
℃
TO-92
D
1
2
3
B
G
H
F
F
C
E
1. OUTPUT
2. COMMON
3. INPUT
SOT-89
G
D
A
C
K
H
F
1
2
3
F
D
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
E
0.51 MAX
M
+
_
0.55 MAX
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
F
MILLIMETERS
+
_
+
_
1. OUTPUT
2. COMMON
3. INPUT


Similar Part No. - FR78L06

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FR78L06SOP FS-FR78L06SOP Datasheet
212Kb / 11P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - FR78L06

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com