Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR317LSC Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FR317LSC
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR317LSC Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FR317LSC Datasheet HTML 1Page - First Silicon Co., Ltd FR317LSC Datasheet HTML 2Page - First Silicon Co., Ltd FR317LSC Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25℃)
(VI-VO=3V, IO=40mA, -10℃≤Tj≤125℃, unless otherwise specified.)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Line Regulation
ΔVO(Line)
3V≤V -V
≤
18.5V
-
180
Load Regulation
ΔVO(Load)
10mA≤ I
≤
IMAX
-
10
Adjustable Pin Current
IAdj
10
100
Adjustable Pin Current Change
ΔIAdj
10mA≤ Io≤ IMAX, 3V≤ V -V
≤
18.5V
-
15
Reference Voltage
Vref
10mA≤ Io≤ IMAX, 3V≤ V -V
≤
18.5V,
P≤ PMAX
1.20
1.30
V
Minimum Load Current to
Maintain Regulation
Io(MIN)
(V -V )=18.5V
-
10
mA
Current Limit
Io(MAX)
(V -V ) = 3.0V, P≤ PMAX
0.1
0.3
A
(V -V ) = 18.5V, P ≤ PMAX, Ta=25℃
0.025
0.15
A
Ripple Rejection Ratio
RR
Vo=10V, f=120HZ
-
dB
66
Note : Load and line regulation are specified at constant junction temperature.
Change in Vo due to heating effects must be taken into account separately. Pulse testing with low duty is used. (P
= 20W)
2010. 02. 04
2/3
FR317LSC
Revision No : 0
MAXIMUM RATINGS (Ta=25℃)
-
-
-
-
-
-
-
-
-
mV
mV
μA
μA
MAX
IN
OUT
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input-Output Voltage Differential
V - V
IN
18.5
V
Power Dissipation (With infite heat sink)
PD
Interally limited
W
Operating Temperature
Topr
-40 ~ 125
Storage Temperature
Tstg
-65 ~ 150
OUT
℃
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com