Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7906P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # LM7906P
Description  3-Terminal 1.0A Negative voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LM7906P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  LM7906P Datasheet HTML 1Page - First Silicon Co., Ltd LM7906P Datasheet HTML 2Page - First Silicon Co., Ltd LM7906P Datasheet HTML 3Page - First Silicon Co., Ltd LM7906P Datasheet HTML 4Page - First Silicon Co., Ltd LM7906P Datasheet HTML 5Page - First Silicon Co., Ltd LM7906P Datasheet HTML 6Page - First Silicon Co., Ltd LM7906P Datasheet HTML 7Page - First Silicon Co., Ltd LM7906P Datasheet HTML 8Page - First Silicon Co., Ltd LM7906P Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2011. 3. 02
1/11
SEMICONDUCTOR
TECHNICAL DATA
LM7905P ~ LM7924P
Revision No : 0
TO-220AB
DIM
MILLIMETERS
A
B
C
D
E
F
H
J
N
O
0 8 ± 0 1
2 7 ± 0 2
2 54 ± 0 2
13 5 ± 0 3
3 7 ± 0 2
10 3 ± 0 2
4 5 ± 0 2
2 7 ± 0 2
15 30 MAX
1 3+0 1/-0 05
0 4 ± 0 2
A
F
B
J
E
O
C
H
N
N
D
P
P
2 INPUT
1 COMMON
3 OUTPUT
1
2
3
3-Terminal 1.0A Negative voltage Regulators
Features
. No external components required
. Internal Thermal shutdown and SOA protection
. Output Voltages ( -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -24V)
. Output voltage offered in 2% and 4% Tolerance
. Pb- Free Packages are available
. High ESD Level (HBM>8,000V, MM>800V)
Standard Application
LM79XX
Input
Output
CI
CO
1µF
2.2µF
3
1
2
Maximum Ratings (TA=25 °C, unless otherwise noted)
Rating
Symbol
Rating
Unit
Input Voltage (-5V – -18V)
(-24V)
VI
-35
V
-40
Power Dissipation
PD
Internally Limited
W
Thermal Resistance of Junction to Ambient
R
θJA
65
°
C/W
Thermal Resistance of Junction to Case
R
θJC
5
°
C/W
Storage Junction Temperature
TSTG
-65 ~ 150
°
C
Operating Junction Temperature
TJ
+ 150
°
C


Similar Part No. - LM7906P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7906 ETC-LM7906 Datasheet
50Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7906 TGS-LM7906 Datasheet
68Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7906CT FAIRCHILD-LM7906CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7906CT FAIRCHILD-LM7906CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
logo
ON Semiconductor
LM7906CT ONSEMI-LM7906CT Datasheet
382Kb / 17P
3-Terminal 1A Negative Voltage Regulator
9/7/11 Rev. 1.0.3
More results

Similar Description - LM7906P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79L005 TOSHIBA-TA79L005 Datasheet
498Kb / 15P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XX GTM-GI79XX Datasheet
162Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XX GTM-GJ79XX Datasheet
159Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XX GTM-GU79XX Datasheet
199Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com