Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7909P Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # LM7909P
Description  3-Terminal 1.0A Negative voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LM7909P Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  LM7909P Datasheet HTML 1Page - First Silicon Co., Ltd LM7909P Datasheet HTML 2Page - First Silicon Co., Ltd LM7909P Datasheet HTML 3Page - First Silicon Co., Ltd LM7909P Datasheet HTML 4Page - First Silicon Co., Ltd LM7909P Datasheet HTML 5Page - First Silicon Co., Ltd LM7909P Datasheet HTML 6Page - First Silicon Co., Ltd LM7909P Datasheet HTML 7Page - First Silicon Co., Ltd LM7909P Datasheet HTML 8Page - First Silicon Co., Ltd LM7909P Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2011. 3. 02
2/11
LM7905P ~ LM7924P
Revision No : 0
LM7905P Electrical characteristics
(TJ = 0 to 125
°C, VIN=-10V, IO=500 mA, CI=2.2 µF, CO=1.0 µF, unless otherwise noted)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Output voltage
VO
TJ=25°C
-4.8
-5.0
-5.2
V
5mA ≤ IO ≤ 1.0A, PD≤15W
-7V
≥ VIN ≥ -20V
-4.75
-5.0
-5.25
Line regulation (TJ=25°C)
(Note 1)
Regline
-7.0V
≥ VIN ≥ -25V
-8.0V
≥ VIN ≥ -12V
100
mV
50
Load regulation (TJ=25°C)
(Note 1)
Regload
5.0 mA ≤ IO ≤ 1.5A
250 mA ≤ IO ≤ 750 mA
100
mV
50
Quiescent current
IQ
TJ=25°C
6
mA
Quiescent current change
Δ IQ
5.0 mA ≤ IO ≤ 1.0 A
-8.0V
≥ VIN ≥ -25V
0.5
mA
0.8
Output Voltage Drift
ΔVO/ΔT IO = 5 mA
-0.4
mV/
°C
Output noise voltage
VN
10 Hz ≤ f ≤ 100 KHz, TA=25°
40
µV/VO
Ripple rejection
RR
-8.0V
≥ VIN ≥ -18V, f=120 Hz
54
60
dB
Dropout voltage
VDROP
IO = 1.0A, TJ=25°C
1.3
V
Short circuit current limit
ISC
VIN = -35V, TA=25°C
500
mA
Peak output current
IPK
TJ=25°C
2.2
A
Note 1 Line and Load regulation are specified at constant junction temperature. Changes of VO due to heating
effects must be taken into account separately. Pulse testing with low duty circle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com