Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD127 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MJD127
Description  PNP Silicon Darlington Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD127 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MJD127 Datasheet HTML 1Page - First Silicon Co., Ltd MJD127 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018. 10. 14
2/2
Revision No : 0
MJD127
Typical Characteristics
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
-100
-1000
-0.1
-1
-10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
-100
-1000
-1
-10
-100
-1000
1
10
100
1000
10000
100000
-0.1
-1
-10
10
100
-100
-1000
-0.5
-1.0
-1.5
-2.0
-100
-1000
-400uA
COMMON EMITTER
T
a=25
℃
-360uA
-320uA
-280uA
-240uA
-200uA
-160uA
-120uA
-80uA
I
B=-40uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristics
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
β=250
V
CEsat
——
AMBIENT TEMPERATURE T
a
( )
℃
-30
-8000
β=100
I
C
V
BEsat
——
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(mA)
P
C
——
T
a
-8000
I
C
COMMON EMITTER
V
CE= -4V
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
f=1MHz
I
E=0/I =0
T
a=25
℃
V
CB
C
ob
——
REVERSE VOLTAGE V (V)
C
ob
500
-10
-1
-0.1
-0.01
I
C
-8000
-30
-30
-20
-8000
-10
-1
-0.1
h
FE
——
β=100
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
-30
COMMON EMITTER
V
CE=-4V
BASE-EMMITER VOLTAGE V
BE (V)
-8000
I
C
—— V
BE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com