Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT6427 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MMBT6427
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBT6427 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MMBT6427 Datasheet HTML 1Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 2Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 3Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 4Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 5Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (T A= 25°C unless otherwise noted) (Continued)
ti
n
U
x
a
M
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
ON CHARACTERISTICS
h
n
i
a
G
t
n
e
rr
u
C
C
D
FE
––
(I C = 10 mAdc, V CE
0
0
0
,
0
0
1
0
0
0
,
0
1
)
c
d
V
0
.
5
=
(I C = 100 mAdc, V CE
0
0
0
,
0
0
2
0
0
0
,
0
2
)
c
d
V
0
.
5
=
(I C = 500 mAdc, V CE
0
0
0
,
0
4
1
0
0
0
,
4
1
)
c
d
V
0
.
5
=
Collector–Emitter Saturation Voltage
VCE(sat)
c
d
V
)
3
(
(I C = 50 mAdc, I B
2
.
1
–
–
)
c
d
A
m
5
.
0
=
(I C = 500 mAdc, I B
5
.
1
–
–
)
c
d
A
m
5
.
0
=
Base–Emitter Saturation Voltage
V BE(sat)
––
2.0
Vdc
(I C = 500 mAdc, I B = 0.5 mAdc)
Base–Emitter On Voltage
V BE(on)
—
1.75
Vdc
(I C = 50 mAdc, V CE = 5.0Vdc)
SMALL–SIGNAL CHARACTERISTICS
Output Capacitance
(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C obo
––
7.0
pF
Input Capacitance
C ibo
––
15
pF
(V EB=0.5 Vdc, I C = 0 , f = 1.0 MHz)
Current Gain–High Frequency
|h
fe |
1.3
—
Vdc
(V CE = 5.0 Vdc, I C = 10mAdc, f = 100 MHz)
Noise Finure
NF
—
10
dB
(V CE=5.0 Vdc, I C = 1.0 mAdc , R S =100 kΩ, f = 1.0 kHz )
3.
Pulse Tent: Pulse Width = 300µs, Duty Cycle = 2.0%
R S
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model
MMBT6427
2018. 09. 18
2/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com