Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7915P Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # LM7915P
Description  3-Terminal 1.0A Negative voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LM7915P Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  LM7915P Datasheet HTML 1Page - First Silicon Co., Ltd LM7915P Datasheet HTML 2Page - First Silicon Co., Ltd LM7915P Datasheet HTML 3Page - First Silicon Co., Ltd LM7915P Datasheet HTML 4Page - First Silicon Co., Ltd LM7915P Datasheet HTML 5Page - First Silicon Co., Ltd LM7915P Datasheet HTML 6Page - First Silicon Co., Ltd LM7915P Datasheet HTML 7Page - First Silicon Co., Ltd LM7915P Datasheet HTML 8Page - First Silicon Co., Ltd LM7915P Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2011. 3. 02
3/11
LM7905P ~ LM7924P
Revision No : 0
LM7906P Electrical characteristics
(TJ = 0 to 125
°C, VIN=-11V, IO=500 mA, CI=2.2 µF, CO=1.0 µF, unless otherwise noted)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Output voltage
VO
TJ=25°C
-5.75
-6.0
-6.25
V
5mA ≤ IO ≤ 1.0A, PD≤15W
-8V
≥ VIN ≥ -21V
-5.7
-6.0
-6.3
Line regulation (TJ=25°C)
(Note 1)
Regline
-8.0V
≥ VIN ≥ -25V
-9.0V
≥ VIN ≥ -13V
120
mV
60
Load regulation (TJ=25°C)
(Note 1)
Regload
5.0 mA ≤ IO ≤ 1.5A
250 mA ≤ IO ≤ 750 mA
120
mV
60
Quiescent current
IQ
TJ=25°C
6
mA
Quiescent current change
Δ IQ
5.0 mA ≤ IO ≤ 1.0 A
-8.0V
≥ VIN ≥ -25V
0.5
mA
1.3
Output Voltage Drift
ΔVO/ΔT IO = 5 mA
-0.5
mV/
°C
Output noise voltage
VN
10 Hz ≤ f ≤ 100 KHz, TA=25°
130
µV/VO
Ripple rejection
RR
-9.0V
≥ VIN ≥ -19V, f=120 Hz
54
60
dB
Dropout voltage
VDROP
IO = 1.0A, TJ=25°C
1.3
V
Short circuit current limit
ISC
VIN = -35V, TA=25°C
500
mA
Peak output current
IPK
TJ=25°C
2.2
A
Note 1 Line and Load regulation are specified at constant junction temperature. Changes of VO due to heating
effects must be taken into account separately. Pulse testing with low duty circle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com