Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # MMBTA13
Description  DarlingtonAmplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA13 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  MMBTA13 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA13 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA13 Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA13 Datasheet HTML 4Page - First Silicon Co., Ltd MMBTA13 Datasheet HTML 5Page - First Silicon Co., Ltd MMBTA13 Datasheet HTML 6Page - First Silicon Co., Ltd MMBTA13 Datasheet HTML 7Page - First Silicon Co., Ltd MMBTA13 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2013. 02. 04
5/6
Revision No : 0
MMBTA14
t, TIME (ms)
Figure 12. Thermal Response
D = 0.5
0.05
0.1
0.2
SINGLE PULSE
1 0
0.7
0 5
0 3
0 2
0.1
0.07
0.05
0.03
0.02
0.01
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
V
CE , COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 13.Active Region Safe Operating Area
CURRENT L MIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
0.4
0.6
1.0
2.0
4.0
6.0
10
20
40
T
A = 25°C
T
C = 25°C
100µs
1.0 ms
1.0 s
1 0k
700
500
300
200
100
70
50
30
20
10
SINGLE PULSE
Z θJC(t) = r(t) • R θJC T J(pk) – T C = P (pk) Z θJC(t)
Z θJA(t) = r(t) • R θJA T J(pk) – T A = P (pk) Z θJA(t)
FIGURE A
Design Note: Use of Transient Thermal
Resistance Data
t P
P P
P P
t 1
1/f
DUTY CYCLE =t 1 f =
t 1
t P
PEAK PULSE POWER = P P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com