Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS6031 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # AUIPS6031
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS6031 Datasheet(HTML) 4 Page - Infineon Technologies AG

  AUIPS6031 Datasheet HTML 1Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 2Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 3Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 4Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 5Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 6Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 7Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 8Page - Infineon Technologies AG AUIPS6031 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AUIPS6031(S)(R)
www.irf.com
4
Static Electrical Characteristics
Tj=-40°C..150°C, Vcc=6..28V (unless otherwise specified), typical values are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
46
60
m
Vin=5V, Iout=5A
ON state resistance Tj=150°C
83
100
Vin=5V, Iout=5A
ON state resistance Tj=25°C, Vcc=6V
55
70
Vin=5V, Iout=2.5A
ON state resistance during reverse battery
Tj=25°C
60
80
Vcc-Gnd=-14V
Vcc op.
Operating voltage range
6
28
V
V clamp 1
Vcc to Out clamp voltage 1
37
39
43
Iout=30mA
V clamp 2
Vcc to Out clamp voltage 2
40
Iout=4A (see Fig. 1)
Icc Off
Supply current when Off and Vout
connected to ground with R<4
Ω
4
9
µA
Vin=0V, Vout=0V,
Tj=25°C, Vcc=14V
Icc On
Supply current when On
2.2
5
mA
Vin=5V, Vcc=14V
Vih
Input high threshold voltage
2.5
3
V
Vil
Input low threshold voltage
1.5
2
In hyst.
Input hysteresis
0.2
0.5
1
Iin On
Input current when device is On
40
100
µA
Vin=5V
Idg
Dg leakage current
0.1
10
Vdg=5V
Vdg
Low level DG voltage
0.25
0.4
V
Idg=1.6mA
Switching Electrical Characteristics
Vcc=14V, Resistive load=6
, Vin=5V, Tj=-40°C..150°C, typical values are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time
8
25
µs
see Fig. 3
Tr1
Rise time to Vout=Vcc-5V
5
20
Tr2
Rise time to Vout=0.9 x Vcc
8
35
dV/dt (On)
Turn On dV/dt
1.5
V/µs
EOn
Turn On energy
150
µJ
Tdoff
Turn-off delay time
20
45
µs
Tf
Fall time to Vout=0.1 x Vcc
9
30
dV/dt (Off)
Turn Off dV/dt
3
V/µs
EOff
Turn Off energy
65
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com