Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS6041S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # AUIPS6041S
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS6041S Datasheet(HTML) 5 Page - Infineon Technologies AG

  AUIPS6041S Datasheet HTML 1Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 2Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 3Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 4Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 5Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 6Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 7Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 8Page - Infineon Technologies AG AUIPS6041S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AUIPS6041(G)(R)(S)
www.irf.com
5
Protection Characteristics
Tj=-40°C..150°C, Vcc=6..28V (unless otherwise specified), typical values are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ilim
Internal current limit
4
7
10
A
Vout=0V, Tj=25°C
Tsd+
Over temperature high threshold
150(1)
165
°C
See fig. 2
Tsd-
Over temperature low threshold
158
Vsc
Short-circuit detection voltage(2)
2
3
4
V
UV+
5
6.2
UV -
4.5
5.8
VOL Off
Open load detection threshold
2
3
4
I OL On
Open load detection threshold
0.05
0.17
0.27
A
Tj=-40..25°C
0.05
0.15
0.22
Tj=25..150°C
(1) Guaranteed by design
(2) Reference to Vcc
True Table
Operating Conditions
IN
OUT
DG
Normal
H
H
H
Normal
L
L
H
Open Load
H
H
L
Open Load (3)
L
H
L
Short circuit to Gnd
H
L
L
Short circuit to Gnd
L
L
H
Short circuit to Vcc
H
H
L (4)
Short circuit to Vcc (5)
L
H
L
Over-temperature
H
L
L
Over-temperature
L
L
H
(3) With a pull-up resistor connected between the output and Vcc.
(4) Vds lower than 10mV.
(5) Without a pull-up resistor connected between the output and Vcc.
Lead Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com