Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-PAK Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # D-PAK
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D-PAK Datasheet(HTML) 3 Page - Infineon Technologies AG

  D-PAK Datasheet HTML 1Page - Infineon Technologies AG D-PAK Datasheet HTML 2Page - Infineon Technologies AG D-PAK Datasheet HTML 3Page - Infineon Technologies AG D-PAK Datasheet HTML 4Page - Infineon Technologies AG D-PAK Datasheet HTML 5Page - Infineon Technologies AG D-PAK Datasheet HTML 6Page - Infineon Technologies AG D-PAK Datasheet HTML 7Page - Infineon Technologies AG D-PAK Datasheet HTML 8Page - Infineon Technologies AG D-PAK Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AUIPS7081(R)(S)
www.irf.com
3
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. Tj= -40°C..150°C, Vcc=6..35V (unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-63 Vcc+0.3
V
Voffset
Maximum logic ground to load ground offset
Vcc-63 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
60
Vcc cont.
Maximum continuous Vcc voltage
35
Vcc sc
Maximum Vcc voltage with short circuit protection
24
Iin max.
Maximum IN current
-1
10
mA
Idg max.
Maximum diagnostic output current
-1
10
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Pd
Maximum power dissipation (internally limited by thermal protection)
2.5
W
Rth=50°C/W
Isd cont.
Maximum continuous diode current (Rth=50°C/W)
2.2
A
ESD1
Electrostatic discharge voltage (Human body) 100pF, 1500
4
kV
ESD2
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
,L=10µH
0.5
Tj max.
Max. storage & operating temperature junction temperature
-40
+150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient D-Pak std. footprint
70
°C/W
Rth2
Thermal resistance junction to ambient D-
Pak 1” sqrt. footprint
50
Rth3
Thermal resistance junction to case D-Pak / TO220 / D²Pak
3
Rth1
Thermal resistance junction to ambient TO220 free air
60
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
V
VIL
Low level input voltage
-0.3
0.9
Iout
Continuous drain current, Tamb=85°C, Tj=125°C, Vin=5V, Rth=50°C/W
2.3
A
Rin
Recommended resistor in series with IN pin
4
10
k
Rdgs
Recommended resistor in series with DG pin
10
20
Rol
Recommended pull-up resistor for open load detection
5
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com