Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7091G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # AUIPS7091G
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7091G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button AUIPS7091G Datasheet HTML 3Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 4Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 5Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 6Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 7Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 8Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 9Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 10Page - Infineon Technologies AG AUIPS7091G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AUIPS7091(G)(S)PbF
www.irf.com
7
Vds
Ids
Vin
Vcc
Vds clamp
T clamp
See Application Notes to evaluate power dissipation
Tj
Ilim
Tsd+
Tsd-
Iout
Vin
limiting
Thermal cycling
Figure 1
– Active clamp waveforms
Figure 2
– Protection timing diagram
Vds
Vout
Vin
90%
10%
90%
10%
Td on
Tr1
Td off
Tf
Vcc-5V
Tr2
Vih
Vil
Vdg
Vcc
Vout
Vin
Vcc - Vsc
Vol
Tdiag
Blanking
Diag ON
Blanking
Diag OFF
Figure 4
– Diagnostic delay definition
Figure 3
– Switching times definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com