Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2003 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2003
Description  SP4T Reflective pHEMT MMIC Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2003 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2003 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2003 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2003 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2003 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary Data Sheet
1.0
Preliminary specifications s
Filtronic Compound Semic
Contact Details: Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
ubject to change without notice
onductors Ltd, Heighington Lane Business Park, Newton Aycliffe, Co Durham. DL5 6JW.
0.3
0.8
1.3
1.8
2
Frequency (GHz)
-45
-35
-25
-15
-5
0
Frequency (GHz)
Website: www.filcs.com
FMS2003 ES1
Typical Jig Measurements
Harmonic Rejection vs. Control Voltage
-80
-75
-70
-65
-60
-55
-50
Control Voltage (V)
2nd Harmonic
3rd Harmonic
Pin = 34.5 dBm @ 900 MHz
Insertion Loss vs. Frequency
0.3
0.8
1.3
1.8
2
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Isolation vs. Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com