Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7221R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # AUIPS7221R
Description  PWM INTELLIGENT POWER HIGH SIDE SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7221R Datasheet(HTML) 1 Page - Infineon Technologies AG

  AUIPS7221R Datasheet HTML 1Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 2Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 3Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 4Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 5Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 6Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 7Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 8Page - Infineon Technologies AG AUIPS7221R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February, 21st 2012
Automotive grade
AUIPS7221R
www.irf.com
1
PWM INTELLIGENT POWER HIGH SIDE SWITCH
Features
Integrated bootstrap for 100kHz switching
Charge pump for DC operation
Over temperature shutdown
Over current shutdown
3.3V logic level
Ground loss protection
ESD protection
Applications
24V loads
Injectors
Valves
DC motors
Description
The Device is a five terminal Intelligent Power Switch
(IPS) for use in a high side configuration. It features short
circuit, over-temperature, ESD protection, inductive load
capability
and
diagnostic
feedback.
An
integrated
bootstrap diode allows fast switching.
Product Summary
Rds(on)
35m
max.
Vbr
75V min.
I shutdown
25A(min.)
Package
D-Pak
Typical Connection
Out(5)
Control
In(1)
Vcc(3)
Load
+Bat
Cb(4)
Gnd(2)
Bootstrap
capacitor
Input Signal
V Diag
4k7
4k7
*Required, see absolute
maximum ratings


Similar Part No. - AUIPS7221R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7221R IRF-AUIPS7221R Datasheet
278Kb / 13P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7221R IRF-AUIPS7221R Datasheet
560Kb / 14P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7221RTR IRF-AUIPS7221RTR Datasheet
278Kb / 13P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7221RTRL IRF-AUIPS7221RTRL Datasheet
278Kb / 13P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7221RTRR IRF-AUIPS7221RTRR Datasheet
278Kb / 13P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - AUIPS7221R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7221R IRF-AUIPS7221R Datasheet
278Kb / 13P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7221R IRF-AUIPS7221R_15 Datasheet
560Kb / 14P
PWM INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS72211R IRF-AUIPS72211R_15 Datasheet
897Kb / 13P
LOW EMI PWM INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS72211R INFINEON-AUIPS72211R Datasheet
711Kb / 14P
LOW EMI PWM INTELLIGENT POWER HIGH SIDE SWITCH
Rev 1.1 2017-06-03
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com