Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS7006-1EPP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BTS7006-1EPP
Description  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BTS7006-1EPP Datasheet HTML 17Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 18Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 19Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 20Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 21Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 22Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 23Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 24Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Data Sheet
21
Rev. 1.04
2019-10-15
BTS7006-1EPP
PROFET™+2 12V
Power Stages
Figure 15 Switching a Resistive Load
7.2.2
Switching Inductive Loads
When switching OFF inductive loads with high-side switches, the voltage VOUT drops below ground potential,
because the inductance intends to continue driving the current. To prevent the destruction of the device due
to overvoltage, a voltage clamp mechanism is implemented. The clamping structure limits the negative
output voltage so that VDS = VDS(CLAMP). Figure 16 shows a concept drawing of the implementation. The
clamping structure is available in all operation modes listed in Chapter 6.1.
Figure 16 Output Clamp concept
IN
t
VOUT
VIN(TH)
(dV/dt)ON
VIN(HYS)
PDMOS
t
t
PowerStage_SwitchRes.emf
EON
EOFF
tON
tON(DELAY)
tOFF(DELAY)
-(dV/dt)OFF
tOFF
10% of VS
90% of VS
70% of VS
30% of VS
30% of VS
70% of VS
PowerStage_Clamp_INTDIO_1CH.emf
High-side
Channel
VS
L,
RL
VOUT
IL
VDS(CLAMP)
IL
VS
OUT
VDS
GND
VS(CLAMP)
VSIS(CLAMP)
IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com