Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75242-ESH Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE75242-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75242-ESH Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE75242-ESH Datasheet HTML 47Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 48Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 49Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 50Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 51Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 52Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 53Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 54Page - Infineon Technologies AG TLE75242-ESH Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
Datasheet
51
Rev. 1.0
2017-11-23
TLE75242-ESH
SPIDER+ 12V
Diagnosis
Output Status Monitor diagnostic is available when VS = VS(NOR) and VDD ≥ VDD(UV).
Due to the fact that Output Status Monitor checks the voltage level at the outputs in real time, for Open Load
in OFF diagnostic it is necessary to synchronize the reading of DIAG_OSM register with the OFF state of the
channels.
Figure 26, Figure 27 and Figure 28 and Figure 29 shows how Output Status Monitor is implemented at
concept level.
Figure 26 Output Status Monitor - concept (Low-Side channels)
Figure 27 Output Status Monitor - concept (auto-configurable channel as High-Side)
OutStatMon_LS.emf
V
S
Low-side
Channel
ROL
OUT
VDS
GND
IOL
IOL
V
DS(OL)
DIAG_OSM.OUTn
VDS < VDS(OL)
DIAG_OSM.OUTn = „1"
OutStatMon_XS.emf
Auto-configurable
Channel (as high -side)
GND
VS
VOUT_Sn
OUT_Dn
OUT_Sn
VDS
ROL
I
OL
IOL
VOUT_S(OL)
DIAG_OSM.OUTn
VOUT_S > VOUT_S(OL)
DIAG_OSM.OUTn = „1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com