Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS7111S Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # AUIPS7111S
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS7111S Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button AUIPS7111S Datasheet HTML 6Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 7Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 8Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 9Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 10Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 11Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 12Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 13Page - Infineon Technologies AG AUIPS7111S Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AUIPS7111S
www.irf.com
10
1
10
100
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0.1
1
10
100
010
20
30
40
'-40°C
'+25°C
'+125°C
Inductance (µH)
Iout, output current (A)
Figure 10 – Tsd (s) Vs I out (A)
SMD with 6cm²
Figure 9 – Max. Iout (A) Vs inductance (µH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com