Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS7012-2EPA Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # BTS7012-2EPA
Description  PROFET??2 12V 2x 12 m廓 Smart High-Side Power Switch
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7012-2EPA Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button BTS7012-2EPA Datasheet HTML 47Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 48Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 49Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 50Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 51Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 52Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 53Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 54Page - Infineon Technologies AG BTS7012-2EPA Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Data Sheet
51
Rev. 1.06
2019-10-30
BTS7012-2EPA
PROFET™+2 12V
Diagnosis
9.6
Electrical Characteristics Diagnosis - Power Output Stages
VS = 6 V to 18 V, TJ = -40 °C to +150 °C
Typical values: VS = 13.5 V, TJ= 25 °C
Typical resistive loads connected to the outputs for testing (unless otherwise specified):
RL = 3.3 Ω
SENSE Disable Time
tsIS(OFF)
–5
20
µs
1)
From DEN falling
edge to IIS = IIS(OFF)
See Figure 40
P_9.6.1.8
SENSE Settling Time after
Load Change
tsIS(LC)
–5
20
µs
1)
from IL = IL(CAL)_L to
IL = IL(CAL) (see
ΔkILIS(NOM))
See Figure 40
P_9.6.1.9
SENSE Settling Time after
Load Change with Small
Load Current
tsIS(LC)_SLC
–
250
400
µs
1)
DEN = “high”
from Load Change
toIIS = IL /(kILIS@ IL)
from IL(CAL) to
IL(CAL)_OL
P_9.6.1.14
SENSE Settling Time after
Channel Change
tsIS(CC)
–5
20
µs
1)
Start channel:
IL = IL(CAL)
End channel:
IL = IL(CAL)_L
(see ΔkILIS(NOM))
See Figure 42
P_9.6.1.10
SENSE Settling Time after
Channel Change with Small
Load Current
tsIS(CC)_SLC
––
60
µs
1)
DEN = “high”
fromDSELtoggling
to IIS = IL /
(kILIS,MIN @ IL) * 1.1
Start channel:
IL = IL(CAL)
End Channel:
IL = IL(CAL)_OL
(see ΔkILIS(NOM) and
ΔkILIS(OL))
P_9.6.1.15
1) Not subject to production test - specified by design.
Table 21
Electrical Characteristics: Diagnosis - PROFET™ (continued)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com