Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS71040-4ESE Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BTS71040-4ESE
Description  SPOC??2 4x 22.5 m廓 SPI Power Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS71040-4ESE Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BTS71040-4ESE Datasheet HTML 17Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 18Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 19Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 20Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 21Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 22Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 23Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 24Page - Infineon Technologies AG BTS71040-4ESE Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Data Sheet
21
Rev. 1.00
2018-10-16
BTS71040-4ESE
SPOC™+2
Power Supply
6
Power Supply
The BTS71040-4ESE is supplied by two supply voltages:
• Power Supply Voltage (VS)
• Digital Supply Voltage (VDD)
The VS supply line is connected to a battery feed and used for the driving circuitry of the power stages, while
VDD is used for the SPI logic and for driving SO pin. VS and VDD supply voltages have an undervoltage detection
circuit, which prevents the activation of the associated function in case the measured voltage is below the
undervoltage threshold. More in detail:
• An undervoltage on VDD supply prevents SPI communication. SPI registers are reset to their default values
• An undervoltage on VS supply switches OFF all channels, even in Limp Home mode. The channels are
enabled again as soon as VS ≥ VS(OP)
The voltage at pin VS is also monitored. In case of a negative voltage transient on VS resulting in VS < VS(TP) when
the device is out of Sleep mode, any SPI command sent by the microcontroller is not accepted (see
Chapter 6.2 and Chapter 10.5 for further information). An overview of channel behavior according to
different VS and VDD supply voltages is shown in Table 9.
Table 9
Device capability as function of VS and VDD1)
1) Valid after a successful supply voltage ramp-up.
VDD ≤ VDD(PO)
(VDD(PO) see P_6.4.1.1)
VDD > VDD(PO)
VS ≤ VS(TP)
(VS(TP) see P_6.4.0.5)
Channels are OFF
Channels are OFF
SPI registers reset
SPI registers protected
SPI communication not available
(fSCLK = 0 MHz)
SPI communication available2)
(fSCLK = 5 MHz)
2) Write commands are ignored. Furthermore the device responds with STDDIAG only.
Limp Home mode not available
Limp Home mode not available
VS(TP) < VS ≤ VS(UV)
(VS(UV) see P_6.4.0.1)
Channels are OFF
Channels are OFF
SPI registers reset
SPI registers available
SPI communication not available
(fSCLK = 0 MHz)
SPI communication available
(fSCLK = 5 MHz)
Limp Home mode available
(channels are OFF)
Limp Home mode available
(channels are OFF)
VS > VS(UV)3)
3) The undervoltage condition on VS supply must be considered. See Chapter 6.2.
Channels cannot be controlled by SPI
Channels can be controlled by SPI
SPI registers reset
SPI registers available
SPI communication not available
(fSCLK = 0 MHz)
SPI communication available
(fSCLK = 5 MHz)
Limp Home mode available
Limp Home mode available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com