Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250IQ100 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT7250IQ100
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250IQ100 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT7250IQ100 Datasheet HTML 17Page - Exar Corporation XRT7250IQ100 Datasheet HTML 18Page - Exar Corporation XRT7250IQ100 Datasheet HTML 19Page - Exar Corporation XRT7250IQ100 Datasheet HTML 20Page - Exar Corporation XRT7250IQ100 Datasheet HTML 21Page - Exar Corporation XRT7250IQ100 Datasheet HTML 22Page - Exar Corporation XRT7250IQ100 Datasheet HTML 23Page - Exar Corporation XRT7250IQ100 Datasheet HTML 24Page - Exar Corporation XRT7250IQ100 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
XIX
Table 63:Listing and Description of the Pin Associated with the Receive Overhead Data Output Interface Block
(For Method 1) .............................................................................................................................................. 311
Table 64:The Relationship between the Number of Rising Clock Edges in RxOHClk, (since RxOHFrame was
last sampled "High”) to the E3 Overhead Bit, that is being output via the RxOH output pin ......................... 311
Table 65:Listing and Description of the Pin Associated with the Receive Overhead Data Output Interface Block
(Method 2) ..................................................................................................................................................... 313
Table 66:The Relationship between the Number of RxOHEnable output pulses (since RxOHFrame was last
sampled "High") to the E3 Overhead Bit, that is being output via the RxOH output pin ............................... 315
Table 67:Listing and Description of the pin associated with the Receive Payload Data Output Interface block ..
317
Table 68:Definition of the Trail Trace Buffer Bytes, within The E3, ITU-T G.832 Framing Format ............... 333
Table 69:A Listing of the Various Payload Type Values and their corresponding Meaning .......................... 335
Table 70:Listing and Description of the pins associated with the Transmit Payload Data Input Interface .... 338
Table 71:A Listing of the Overhead bits within the E3 frame, and their potential sources, within the XRT7250 IC
354
Table 72:Description of Method 1 Transmit Overhead Input Interface Signals ............................................. 356
Table 73:The Relationship between the Number of Rising Clock Edges in TxOHClk, (since "TxOHFrame" was
last sampled "High") to the E3 Overhead Bit, that is being processed ......................................................... 358
Table 74:Description of Method 1 Transmit Overhead Input Interface Signals ............................................. 361
Table 75:The Relationship between the Number of TxOHEnable pulses (since the last occurrence of the TxO-
HFrame pulse) to the E3 Overhead Bit, that is being processed by the XRT7250 ....................................... 363
Table 76:The LAPD Message Type and the Corresponding value of the First Byte, within the Information Pay-
load ............................................................................................................................................................... 366
Table 77:Relationship between TxLAPD Msg Length and the LAPD Message Size .................................... 367
Table 78:The Relationship between the contents of Bit 2 (Tx AIS Enable) within the Tx E3 Configuration Regis-
ter, and the resulting Transmit E3 Framer Block's Action ............................................................................. 375
Table 79:The Relationship between the contents of Bit 1 (Tx LOS) within the Tx E3 Configuration Register, and
the resulting Transmit E3 Framer Block's Action .......................................................................................... 375
Table 80:The Relationship between the content of Bit 3 (Unipolar/Bipolar*) within the UNI I/O Control Register
and the Transmit E3 Framer Line Interface Output Mode ............................................................................ 379
Table 81:The Relationship between Bit 4 (AMI/HDB3*) within the I/O Control Register and the Bipolar Line Code
that is output by the Transmit E3 LIU Interface Block ................................................................................... 381
Table 82:The Relationship between the contents of Bit 2 (TxLineClk Inv) within the I/O Control Register and the
TxLineClk clock edge that TxPOS and TxNEG are updated on ................................................................... 381
Table 83:The Relationship between the contents of Bit 2 (TxLineClk Inv) within the I/O Control Register and the
TxLineClk clock edge that TxPOS and TxNEG are updated on ................................................................... 386
Table 84:The Relationship between the contents of Bit 1 (RxLineClk Inv) of the I/O Control Register, and the
sampling edge of the RxLineClk signal ......................................................................................................... 389
Table 85:The Relationship between the Logic State of the RxOOF and RxLOF output pins, and the Framing
State of the Receive E3 Framer block .......................................................................................................... 397
Table 86:The Relationship between the Contents of RxLAPDType[1:0] bit-fields and the PMDL Message Type/
Size ............................................................................................................................................................... 409
Table 87:Listing and Description of the Pin Associated with the Receive Overhead Data Output Interface Block
414
Table 88:The Relationship between the Number of Rising Clock Edges in RxOHClk, (since RxOHFrame was
last sampled "High") to the E3 Overhead Bit, that is being output via the RxOH output pin ......................... 414
Table 89:Listing and Description of the Pin Associated with the Receive Overhead Data Output Interface Block
(Method 2) ..................................................................................................................................................... 418
Table 90:The Relationship between the Number of RxOHEnable output pulses (since RxOHFrame was last
sampled "High") to the E3 Overhead Bit, that is being output via the RxOH output pin ............................... 420
Table 91:Listing and Description of the pin associated with the Receive Payload Data Output Interface block ..
424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com