Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2003QFN Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2003QFN
Description  High Power Reflective GaAs SP4T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2003QFN Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2003QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2003QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2003QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2003QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2003QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2003QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Data Sheet
2.1
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850-5790
Fax: +1 (408) 850-5766
Email: sales@filcsi.com
Website: www.filtronic.com
FMS2003QFN-1
Absolute Maximum Ratings:
Parameter
Symbol
Absolute Maximum
Max Input Power
Pin
+38dBm
Control Voltage
V ctrl
+5V
Operating Temp
T oper
-40°C to +100°C
Storage Temp
T stor
-55°C to +150°C
Note: Exceeding any one of these absolute maximum ratings may cause permanent damage to the
device.
Truth Table:
Switch
State
V1
V2
V3
V4
ANT
TO
RF1
ANT
TO
RF2
ANT
TO
RF1
ANT
TO
RF2
(A)
HIGH
LOW
LOW
LOW
Insertion
Loss
Isolation
Isolation
Isolation
(B)
LOW
HIGH
LOW
LOW
Isolation
Insertion
Loss
Isolation
Isolation
(C)
LOW
LOW
HIGH
LOW
Isolation
Isolation
Insertion
Loss
Isolation
(D)
LOW
LOW
LOW
HIGH
Isolation
Isolation
Isolation
Insertion
Loss
General Test Conditions:
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF)
Bias Voltages
LOW = 0V to 0.2V
HIGH +2.5V to +5V
Port Impedances
50
Off arm termination
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com