Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLL36110 Datasheet(PDF) 2 Page - Schneider Electric

Part # HLL36110
Description  Circuit breaker, PowerPact H, thermal magnetic, 110A, 3 pole, 600V, 50kA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HLL36110 Datasheet(HTML) 2 Page - Schneider Electric

  HLL36110 Datasheet HTML 1Page - Schneider Electric HLL36110 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Product certifications
CSA
IEC
UL Listed
CE
Ambient air temperature for operation
104 °F (40 °C)
Ordering and shipping details
Category
01120 - HL,JL UNIT MT BREAKER/SWITCH
Discount Schedule
DE2
GTIN
00785901433781
Package weight(Lbs)
4.19 lb(US) (1.90 kg)
Returnability
Yes
Country of origin
MX
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com