Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2006 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2006
Description  DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2006 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2006 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2006 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2006 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2006 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Product Information
1.1
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2006
Truth Table:
Vctrl1
Vctrl2
ANT-RF1
ANT-RF2
High
Low
On
Off
Low
High
Off
On
Note:
‘High’
= +2.4V to +3.3V
‘Low’
= 0V to +0.2V
Pad and Die Layout:
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the
bond pad opening
Die Size
( µm x µm )
Die Thickness (
µm)
Min. Bond Pad
Pitch(
µm)
Min. Bond pad
Opening (
µm xµm )
750 x 510
150
152
72 x 72
Pad
Reference
Description
Pin Coordinates
(µm)
ANT
Antenna
375,412
RF1
Receive
108,260
RF2
Transmit
641,260
VC1
Vctrl1 (ANT to RF1 Control)
108,412
VC2
Vctrl2 (ANT to RF2 Control)
641,412
GND1
Ground
108,108
GND2
Ground
641,108
VC1
RF1
GND1
VC2
RF2
GND2
ANT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com