Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAT-2A Datasheet(PDF) 4 Page - Mini-Circuits

Part # YAT-2A
Description  Fixed Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-2A Datasheet(HTML) 4 Page - Mini-Circuits

  YAT-2A Datasheet HTML 1Page - Mini-Circuits YAT-2A Datasheet HTML 2Page - Mini-Circuits YAT-2A Datasheet HTML 3Page - Mini-Circuits YAT-2A Datasheet HTML 4Page - Mini-Circuits YAT-2A Datasheet HTML 5Page - Mini-Circuits YAT-2A Datasheet HTML 6Page - Mini-Circuits YAT-2A Datasheet HTML 7Page - Mini-Circuits YAT-2A Datasheet HTML 8Page - Mini-Circuits YAT-2A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 4 of 4
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here
Performance Data
Data Table
Swept Graphs
Case Style
MC1630 Plastic package, Terminal finish: Matte Tin Plate
Tape & Reel
F108
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500, 1K, 2K devices.
Suggested Layout for PCB Design
PL-586
Evaluation Board
TB-YAT-2A+
Environmental Ratings
ENV08T1
Suggested PCB Layout (PL-586)
YAT-2A+
ESD Rating
Human Body Model (HBM): Class 2 (Pass 2000 V) per ANSI/ESD STM 5.1-2001
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020D
Product Marking
YT02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com