Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2011 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2011
Description  SP6T GaAs Multi-Band GSM Antenna Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2011 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2011 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2011 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2011 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2011 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2011 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2011 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Data Sheet 1.1
3
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2011
Pad and Die Layout:
Note: Co-ordinates are referenced from the bottom left hand corner of the die to the centre of the
bond pad opening
Die Size (
µm)
Die Thickness (
µm)
Min. Bond Pad
Pitch(
µm)
Min. Bond pad
opening (
µm)
900 x 1150
150 µm
111
70 x 70
Pad Number
Pad Name
Description
Pin Coordinates (µm)
A
VM
Common Receive Switch
Control Voltage
99, 576
B
VRX4
RX4 Control Voltage
98, 919
C
VTX2
TX2 Control Voltage
98, 805
D
VRX3
RX3 Control Voltage
98, 689
E
VRX1
RX1 Control Voltage
103, 230
F
VRX2
RX2 Control Voltage
98, 459
G
VTX1
TX1 Control Voltage
105, 347
H
TX2
TX2 RF Output
130, 1037
I
TX1
TX1 RF Output
127, 114
J
ANT
Antenna
509, 958
K
RX4
RX4 RF Output
779, 1056
L
RX3
RX3 RF Output
779, 856
M
RX2
RX2 RF Output
779, 302
N
RX1
RX1 RF Output
779, 101
O
GND
Ground 1
605, 141
P
GND
Ground 1
620, 959
Q
GND
Ground RXC
777, 511
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com