Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2020QFN Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2020QFN
Description  GaAs Multi-Purpose Wide Band SPDT Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2020QFN Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2020QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2020QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2020QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2020QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2020QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2020QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Data Sheet
2.2
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850-5790
Fax: +1 (408) 850-5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2020QFN
GaAs Multi-Purpose Wide Band SPDT Switch
Features:
♦ 3x3x0.9mm Packaged pHEMT Switch
♦ Suitable for L, S, and C-band digital
cellular, cordless telephony and WLAN
applications
♦ High isolation, 25dB typ at 2.5GHz
♦ Low insertion loss, 0.5dB typ at 2.5GHz
♦ Low insertion loss, 1.0dB typ at 6GHz
♦ P0.1dB > 38dBm at 2GHz
Functional Schematic
Description and Applications:
The FMS2020QFN is a low loss, high power and linear single pole dual throw Gallium Arsenide antenna
switch. The die is fabricated using the Filtronic FL05 0.5
µm switch process technology, which offers leading
edge performance optimised for switch applications. The FMS2020QFN is designed for use in L, S, and C
band wireless applications and WLAN access points where high linearity switching is required.
Electrical Specifications: (T
AMBIENT = 25°C,Vctrl = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
2.0 – 3.0 GHz
3.0 – 4.0 GHz
4.0 – 5.0 GHz
5.0 –6.0 GHz
0.4
0.45
0.55
0.65
0.75
0.95
dB
dB
dB
dB
dB
dB
Return Loss
0.5 – 2.5 GHz
2.5 – 5.0 GHz
23
18
dB
dB
Isolation
0.5 – 1.0 GHz
1.0 – 2.5 GHz
2.5 – 6.0 GHz
30
25
18
dB
dB
dB
Input power at 0.1dB compression point
1.0 GHz
2.0 GHz
2.5 GHz
6.0 GHz
>38
>38
>37
>33
dBm
dBm
dBm
dBm
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
<-70
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
<-70
dBc
Switching speed : T rise, T fall
T on, T off
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10% RF
<0.3
<1.0
µs
µs
Control Current
+35dBm RF input @1GHz
<10
µA
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF)
All unused ports terminated in 50
Ω.
ANT
V1
RF1
V2
RF2


Similar Part No. - FMS2020QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
GaAs Multi-Purpose Wide Band SPDT Switch
More results

Similar Description - FMS2020QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
GaAs Multi-Purpose Wide Band SPDT Switch
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK Datasheet
180Kb / 7P
WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_1 Datasheet
192Kb / 11P
WIDE BAND SPDT SWITCH
logo
NEC
UPG137GV NEC-UPG137GV_97 Datasheet
28Kb / 3P
L-BAND SPDT GaAs MMIC SWITCH
logo
Filtronic Compound Semi...
FMS2031-001 FILTRONIC-FMS2031-001 Datasheet
248Kb / 7P
10 Watt GaAs Wide Band SPDT Switch
logo
NEC
UPD5713TK NEC-UPD5713TK Datasheet
104Kb / 12P
WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK-A CEL-UPD5713TK-A Datasheet
468Kb / 10P
WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_09 Datasheet
468Kb / 10P
WIDE BAND SPDT SWITCH
logo
Renesas Technology Corp
PD5713TK RENESAS-PD5713TK Datasheet
227Kb / 14P
WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK_12 Datasheet
587Kb / 11P
WIDE BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com