Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS50G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # ARS50G
Description  High Current Automobile Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ARS50G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ARS50G Datasheet HTML 1Page - HY ELECTRONIC CORP. ARS50G Datasheet HTML 2Page - HY ELECTRONIC CORP. ARS50G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
ARS
●
Better heat dissipation
●
Low power loss
RoHS
COMPLIANT
●
High temperature soldering guaranteed: 265℃/10S
Mechanical Data
●
Case: JEDEC ARS molded plastic
●
Polarity: Color band denotes cathode
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
Generally applied in alternator, motorbike , automobile, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol ARS50A ARS50B ARS50D ARS50G ARS50J ARS50K ARS50M
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TA=55 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2 t
A
2 S
Maximum Instantaneous Forward Voltage at Rated Forward Current
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
DC Bolcking Voltage @TJ=150℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Position of polarity ring denotes cathode, while color denotes
voltage gradation.
AR50*-B-UN/99-00/01
Rev. 11, 18-May-2020
ARS50A THRU ARS50M
Reverse Voltage - 50 to 1000Volts
Forward Current - 50 Amperes
●
High surge forward current capability
Pb
High Current Automobile Rectifier
Package Outline Dimensions in Inches (Millimeters)
50
1494
1.1
10
600
1000
300
1.0
-55 to +150
-55 to +150
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2.The typical data above is for reference only
IFSM
IR
Red
Yellow Orange
Silver
Green
Blue
Purple
A
uA


Similar Part No. - ARS50G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ARS50G WTE-ARS50G Datasheet
24Kb / 2P
50A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
ARS50G TSC-ARS50G Datasheet
73Kb / 2P
50.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Won-Top Electronics
ARS50G WTE-ARS50G Datasheet
68Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
ARS50G TSC-ARS50G Datasheet
290Kb / 2P
50.0 AMPS. High Current Button Rectifiers
ARS50G TSC-ARS50G Datasheet
564Kb / 2P
50.0 AMPS. High Current Button Rectifiers
More results

Similar Description - ARS50G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ARS25A-ARS25M HY-ARS25A-ARS25M Datasheet
34Kb / 2P
HIGH CURRENT AUTOMOBILE RECTIFIER
ARS35A HY-ARS35A Datasheet
34Kb / 2P
HIGH CURRENT AUTOMOBILE RECTIFIER
AR35A HY-AR35A_17 Datasheet
140Kb / 3P
HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A HY-ARS25A_17 Datasheet
140Kb / 3P
HIGH CURRENT AUTOMOBILE RECTIFIER
ARS50A HY-ARS50A_17 Datasheet
140Kb / 3P
HIGH CURRENT AUTOMOBILE RECTIFIER
AR25A HY-AR25A_V01 Datasheet
377Kb / 3P
High Current Automobile Rectifier
AR50A HY-AR50A_V01 Datasheet
377Kb / 3P
High Current Automobile Rectifier
DB35P HY-DB35P Datasheet
366Kb / 3P
High Current Automobile Rectifier
DF70P HY-DF70P Datasheet
372Kb / 3P
High Current Automobile Rectifier
DV354P HY-DV354P Datasheet
363Kb / 3P
High Current Automobile Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com