Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS5028 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # ARS5028
Description  Transient Voltage Suppressor for Automobile Button
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ARS5028 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ARS5028 Datasheet HTML 1Page - HY ELECTRONIC CORP. ARS5028 Datasheet HTML 2Page - HY ELECTRONIC CORP. ARS5028 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
ARS
●
High surge current capability
●
Low loss
RoHS
●
Low forward voltage drop
COMPLIANT
●
Low leakage current
●
High temperature soldering guaranteed: 250℃/10S
Mechanical Data
●
Case: JEDEC ARS molded plastic
●
Polarity: Color band denotes cathode
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
Generally applied in alternator, motorbike , automobile, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Working Peak Reverse Voltage
VRWM
V
Maximum DC Blocking Voltage
VDC
V
Breakdown voltage Min@ IBR=100mA/TA=25℃
VBRL
V
Breakdown voltage Max@ IBR=100mA/TA=25℃
VBRH
V
Maximum Average Forward Rectified Current @TL=125℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2 t
A
2 S
Maximum Instantaneous Forward Voltage at Rated Forward Current
VF
V
Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25℃
IR
uA
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Position of polarity ring denotes cathode, while color denotes
voltage gradation.
ARS50*-B-UN/99-00/01
Rev. 11, 18-May-2020
ARS5024 THRU ARS5040
Breakdown Voltage - 24 to 40Volts
Forward Current - 50 Amperes
●
High surge forward current capability
Package Outline Dimensions in Inches (Millimeters)
Pb
Transient Voltage Suppressor for
Automobile Button
ARS5024
ARS5028
ARS5040
16
20
28
16
20
28
16
20
28
20
24
38
26
32
42
50
1037.5
1.0
0.2
-55 to +150
-55 to +150
Note: The typical data above is for reference only .
IFSM
Red
Yellow
Orange
Silver
Green
Blue
A
500


Similar Part No. - ARS5028

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ARS502 TAITRON-ARS502 Datasheet
134Kb / 4P
50A Automotive Rectifiers
More results

Similar Description - ARS5028

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
HY ELECTRONIC CORP.
ARS2524 HY-ARS2524_17 Datasheet
140Kb / 3P
AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
ARZ3524 HY-ARZ3524_17 Datasheet
140Kb / 3P
AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
ARZ5024 HY-ARZ5024_17 Datasheet
139Kb / 3P
AUTOMOBILE BUTTON DIODES TRANSIENT VOLTAGE SUPPRESSORS
ARS2524 HY-ARS2524 Datasheet
328Kb / 3P
Transient Voltage Suppressor for Automobile Button
ARS3524 HY-ARS3524 Datasheet
328Kb / 3P
Transient Voltage Suppressor for Automobile Button
ARZ2524 HY-ARZ2524 Datasheet
330Kb / 3P
Transient Voltage Suppressor for Automobile Button
ARZ3524 HY-ARZ3524 Datasheet
332Kb / 3P
Transient Voltage Suppressor for Automobile Button
ARZ5024 HY-ARZ5024 Datasheet
321Kb / 3P
Transient Voltage Suppressor for Automobile Button
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com