Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD200 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD200
Description  GENERAL PURPOSE PHEMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD200 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD200 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD200 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPD200
GENERAL PURPOSE PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/17/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
FEATURES
♦ 19 dBm Linear Output Power at 12 GHz
♦ 12 dB Power Gain at 12 GHz
♦ 17 dB Maximum Stable Gain at 12 GHz
♦ 12 dB Maximum Stable Gain at 18 GHz
♦ 45% Power-Added Efficiency
•
DESCRIPTION AND APPLICATIONS
The FPD200is an AlGaAs/InGaAs pseudomorphic High Electron Mobility Transistor (PHEMT),
featuring a 0.25
µm by 200 µm Schottky barrier gate, defined by high-resolution stepper-based
photolithography. The recessed and offset Gate structure minimizes parasitics to optimize
performance.
The epitaxial structure and processing have been optimized for reliable medium-
power applications. The FPD200 also features Si3N4 passivation and is available in a low cost
plastic package.
Typical applications include commercial and other narrowband and broadband high-performance
amplifiers, including SATCOM uplink transmitters, PCS/Cellular low-voltage high-efficiency output
amplifiers, and medium-haul digital radio transmitters.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 12 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
18
19
dBm
Power Gain at P1dB
G1dB
VDS = 5 V; IDS = 50% IDSS
10.5
12.0
dB
Power-Added Efficiency
PAE
VDS = 5V; IDS = 50% IDSS;
POUT = P1dB
45
%
Maximum Stable Gain (S21/S12)
f = 12 GHz
f = 24 GHz
SSG
VDS = 5 V; IDS = 50% IDSS
16
10.5
17
12
dB
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
45
60
75
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
120
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
80
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
10
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 0.2 mA
0.7
1.0
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 0.2 mA
12.0
14.0
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 0.2 mA
14.5
16.0
V
Thermal Resistivity (see Notes)
θJC
VDS > 3V
280
°C/W
DRAIN
BOND
PAD (1X)
SOURCE
BOND
PAD (2x)
GATE
BOND
PAD (1X)
DIE SIZE (
µm): 400 x 400
DIE THICKNESS: 75
µm
BONDING PADS (
µm): >80 x 80


Similar Part No. - FPD200

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD200 FILTRONIC-FPD200 Datasheet
199Kb / 4P
GENERAL PURPOSE PHEMT DIE
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
FPD2000AS-EB FILTRONIC-FPD2000AS-EB Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
More results

Similar Description - FPD200

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFP02N8-000 ALPHA-AFP02N8-000 Datasheet
23Kb / 4P
General Purpose PHEMT Chip
AFP02N8-212 ALPHA-AFP02N8-212 Datasheet
30Kb / 4P
General Purpose Packaged PHEMT Chips
logo
Filtronic Compound Semi...
FPD7612 FILTRONIC-FPD7612 Datasheet
190Kb / 2P
GENERAL PURPOSE PHEMT
FPD7612 FILTRONIC-FPD7612_1 Datasheet
176Kb / 4P
GENERAL PURPOSE PHEMT
FPD200 FILTRONIC-FPD200_1 Datasheet
199Kb / 4P
GENERAL PURPOSE PHEMT DIE
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com