Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD1500DFN Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD1500DFN
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500DFN Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD1500DFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FPD1500DFN
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
•
PERFORMANCE (1850 MHz)
♦ 27 dBm Output Power (P
1dB)
♦ 18 dB Small-Signal Gain (SSG)
♦ 1.2 dB Noise Figure
♦ 42 dBm Output IP3
♦ 45% Power-Added Efficiency
♦ Evaluation Boards Available
♦ Featuring Lead Free Finish Package
•
DESCRIPTION AND APPLICATIONS
The FPD1500DFN is a packaged depletion mode AlGaAs/InGaAs pseudomorphic High Electron
Mobility Transistor (pHEMT). It utilizes a 0.25
μm x 1500 μm Schottky barrier Gate, defined by
high-resolution stepper-based photolithography. The recessed and offset Gate structure minimizes
parasitics to optimize performance, with an epitaxial structure designed for improved linearity over a
range of bias conditions and input power levels. The FPD1500DFN is available in die form and in
other packages.
Typical applications include drivers or output stages in PCS/Cellular base station high-intercept-
point LNAs, WLL and WLAN systems, and other types of wireless infrastructure systems.
•
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 1850 MHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
27
dBm
Small-Signal Gain
SSG
VDS = 5 V; IDS = 50% IDSS
18
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Noise Figure
NF
VDS = 5 V; IDS = 50% IDSS
1.2
dB
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 5V; IDS = 50% IDSS
Matched for optimal power
Matched for best IP3
40
42
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
375
465
550
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
750
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
400
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
15
μA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 1.5 mA
0.7
0.9
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 1.5 mA
12
18
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 1.5 mA
12
18
V
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/14/05
Fax: +1 408 850-5766
Email: sales@filcsi.com


Similar Part No. - FPD1500DFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500DFN FILTRONIC-FPD1500DFN Datasheet
317Kb / 10P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN Datasheet
462Kb / 10P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD1500DFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD750DFN FILTRONIC-FPD750DFN Datasheet
244Kb / 5P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89 FILTRONIC-FPD1500SOT89 Datasheet
518Kb / 11P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD2250DFN FILTRONIC-FPD2250DFN Datasheet
236Kb / 5P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com