Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2136 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IR2136
Description  600 V three-phase gate driver IC with OCP, Enable, and Fault
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2136 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IR2136 Datasheet HTML 1Page - Infineon Technologies AG IR2136 Datasheet HTML 2Page - Infineon Technologies AG IR2136 Datasheet HTML 3Page - Infineon Technologies AG IR2136 Datasheet HTML 4Page - Infineon Technologies AG IR2136 Datasheet HTML 5Page - Infineon Technologies AG IR2136 Datasheet HTML 6Page - Infineon Technologies AG IR2136 Datasheet HTML 7Page - Infineon Technologies AG IR2136 Datasheet HTML 8Page - Infineon Technologies AG IR2136 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
www.irf.com
2
IR213(6,62,63,65,66,67,68)(J&S) & PbF
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Recommended Operating Conditions
The input/output logic-timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute referenced to COM. The VS offset ratings are tested
with all supplies biased at a 15 V differential.
Symbol
Definition
Min
Max
Units
IR213(6,68)
VS1,2,3 +10
VS1,2,3 + 20
IR21362
VS1,2,3 +11.5 VS1,2,3 + 20
VB1,2,3
High side floating supply voltage
IR213(6,63,65,66,67) VS1,2,3 +12
VS1,2,3 + 20
VS 1,2,3
High side floating supply offset voltage
Note 1
600
VHO 1,2,3
High side output voltage
VS1,2,3
VB1,2,3
VLO1,2,3
Low side output voltage
0
VCC
IR213(6,68)
10
20
IR21362
11.5
20
VCC
Low side and logic fixed supply
voltage
IR213(6,63,65,66,67)
12
20
VSS
Logic ground
-5
5
VFLT
FAULT output voltage
VSS
VCC
VRCIN
RCIN input voltage
VSS
VCC
V
Note 1:
Logic operational for VS of (COM - 5 V) to (COM + 600 V). Logic state held for VS of (COM - 5 V) to (COM – VBS).
(Please refer to the Design Tip DT97-3 for more details).
Note 2:
All input pins and the ITRIP and EN pins are internally clamped with a 5.2 V zener diode.
Symbol
Definition
Min
Max
Units
VS
High side offset voltage
VB 1,2,3 - 25 VB 1,2,3 + 0.3
VB
High side floating supply voltage
-0.3
625
VHO
High side floating output voltage
VS1,2,3 - 0.3 VB 1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VSS
Logic ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Input voltage LIN, HIN, ITRIP, EN
VSS -0.3
Lower of
(VSS + 15) or
VCC + 0.3)
VRCIN
RCIN input voltage
VSS -0.3
VCC + 0.3
VFLT
FAULT output voltage
VSS -0.3
VCC + 0.3
V
dV/dt
Allowable offset voltage slew rate
—
50
V/ns
(28 lead PDIP)
—
1.5
(28 lead SOIC)
—
1.6
PD
Package power dissipation
@ TA ≤ +25 °C
(44 lead PLCC)
—
2.0
W
(28 lead PDIP)
—
83
(28 lead SOIC)
—
78
RthJA
Thermal resistance, junction to
ambient
(44 lead PLCC)
—
63
°C/W
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com