Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2010SPBF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IR2010SPBF
Description  High and Low Side Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2010SPBF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IR2010SPBF Datasheet HTML 1Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 2Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 3Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 4Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 5Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 6Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 7Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 8Page - Infineon Technologies AG IR2010SPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IR2010(S)PBF
4
www.irf.com
© 2015 International Rectifier
April 14, 2015
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, CL = 1000pF and TA = 25°C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in figure 3.
Symbol
Definition
Figure
Min.
Typ.
Max.
Units
Test Conditions
ton
Turn-on propagation delay
7
50
95
135
ns
VS = 0V
toff
Turn-off propagation delay
8
30
65
105
VS = 200V
tsd
Shutdown propagation delay
9
35
70
105
tr
Turn-on rise time
10
—
10
20
tf
Turn-off fall time
11
—
15
25
MT
Delay matching, HS & LS turn-on/off
6
—
—
15
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V and TA = 25°C and VSS = COM unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The VO and IO
parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Symbol
Definition
Figure
Min.
Typ.
Max.
Units
Test Conditions
VIH
Logic “1” input voltage
12
9.5
—
—
V
VDD = 15V
VIL
Logic “0” input voltage
13
—
—
6.0
VIH
Logic “1” input voltage
12
2
—
—
VDD = 3.3V
VIL
Logic “0” input voltage
13
—
—
1
VOH
High level output voltage, VBIAS - VO
14
—
—
1.0
IO = 0A
VOL
Low level output voltage, VO
15
—
—
0.1
ILK
Offset supply leakage current
16
—
—
50
μA
VB = VS = 200V
IQBS
Quiescent VBS supply current
17
—
70
210
VIN = 0V or VDD
IQCC
Quiescent VCC supply current
18
—
100
230
IQDD
Quiescent VDD supply current
19
—
1
5
IIN+
Logic “1” input bias current
20
—
20
40
VIN = VDD
IIN-
Logic “0” input bias current
21
—
—
1.0
VIN = 0V
VBSUV+
VBS supply undervoltage positive
going threshold
22
7.5
8.6
9.7
V
VBSUV-
VBS supply undervoltage negative
going threshold
23
7.0
8.2
9.4
VCCUV+
VCC supply undervoltage positive
going threshold
24
7.5
8.6
9.7
VCCUV-
VCC supply undervoltage negative
going threshold
25
7.0
8.2
9.4
IO+
Output high short circuit pulsed
current
26
2.5
3.0
—
A
VO = 0V, VIN = VDD
PW ≤ 10 μs
IO-
Output low short circuit pulsed
current
27
2.5
3.0
—
VO = 15V, VIN = 0V
PW ≤ 10 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com