Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640J3A-150 Datasheet(PDF) 20 Page - Intel Corporation

Part # JS28F640J3A-150
Description  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640J3A-150 Datasheet(HTML) 20 Page - Intel Corporation

Back Button JS28F640J3A-150 Datasheet HTML 16Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 17Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 18Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 19Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 20Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 21Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 22Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 23Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
256-Mbit J3 (x8/x16)
20
Datasheet
6.2
DC Voltage Characteristics
ICCE
VCC Block Erase or Clear
Block Lock-Bits Current
35
70
mA
CMOS Inputs, VPEN = VCC
1,4
40
80
mA
TTL Inputs, VPEN = VCC
ICCWS
ICCES
VCC Program Suspend or
Block Erase Suspend
Current
10
mA
Device is enabled (see Table 13)1,5
NOTES:
1. All currents are in RMS unless otherwise noted. These currents are valid for all product versions (packages and
speeds). Contact Intel’s Application Support Hotline or your local sales office for information about typical
specifications.
2. Includes STS.
3. CMOS inputs are either VCC ± 0.2 V or GND ± 0.2 V. TTL inputs are either VIL or VIH.
4. Sampled, not 100% tested.
5. ICCWS and ICCES are specified with the device selected. If the device is read or written while in erase suspend
mode, the device’s current draw is ICCR and ICCWS
Table 7.
DC Voltage Characteristics
Symbol
Parameter
Min
Max
Unit
Test Conditions
Notes
VIL
Input Low Voltage
–0.5
0.8
V
2, 6
VIH
Input High Voltage
2.0
VCCQ
+ 0.5
V2,6
VOL
Output Low Voltage
0.4
V
VCCQ = VCCQ Min
IOL = 2 mA
1,2
0.2
V
VCCQ = VCCQ Min
IOL = 100 µA
VOH
Output High Voltage
0.85
×
VCCQ
V
VCCQ = VCCQ Min
IOH = –2.5 mA
1,2
VCCQ
–
0.2
V
VCCQ = VCCQ Min
IOH = –100 µA
VPENLK
VPEN Lockout during Program,
Erase and Lock-Bit Operations
2.2
V
2,3,4,7
Table 6.
DC Current Characteristics (Sheet 2 of 2)
VCCQ
2.7 - 3.6V
Test Conditions
Notes
VCC
2.7 - 3.6V
Symbol
Parameter
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com