Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4950 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4950
Description  AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4950 Datasheet(HTML) 1 Page - Texas Instruments

  AFE4950 Datasheet HTML 1Page - Texas Instruments AFE4950 Datasheet HTML 2Page - Texas Instruments AFE4950 Datasheet HTML 3Page - Texas Instruments AFE4950 Datasheet HTML 4Page - Texas Instruments AFE4950 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TI Gray Alternate
MUX
LED_DRV1
LED_DRV2
TX8
TX7
TX6
TX5
TX4
TX3
TX2
TX1
1.8V LDO
ALDO_1V8,
DLDO_1V8
RX_SUP
LDO_BYP
INP1
INM1
INP2
INM2
INP3
INM3
INP4
INM4
INA
LPF
VCM
CHPF
ECG_INP
ECG_INM
RLD
ADC
Lead
Detect
Bias
+
±
256-sample
FIFO
SPI, I2C
Timing Engine
128 kHz
Oscillator
4 MHz
Oscillator
Processing,
Decimation
Filters
ECG Lead,
Threshold
Detection
ECG Lead
detection
comparators
CLK
SPI, I2C
ADC_RDY
GPIO2
+
±
Rf1
Cf1
Rf1
Cf1
TIA1
AACM
Noise
Reduction
Filter
2 PPG RX Channels
TX_SUP
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
AFE4950
SBASA37 – JUNE 2020
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2
and Electrical Bio-sensing
1
1 Features
1
•
Supports simultaneous & synchronized acquisition
of up to 24 PPG and a single-lead ECG signal.
•
Flexible allocation of 8 LED, 4 PD in each phase
•
ECG signal chain:
–
1-lead ECG signal acquisition up to 2 kHz
–
RLD output to drive a third electrode
–
Input noise : 0.7 µV-rms
–
Supports up to +/- 0.65 V differential DC offset
and +/-0.55 V common mode range
–
Programmable INA gain: 11, 21
–
High-pass filter with quick saturation recovery
–
Integrated 300 Hz anti-aliasing low pass filter
–
AC, DC lead-off detect: 3.125-nA to 100-nA
–
Low power continuous lead-on detection
•
Impedance signal chain
–
Continuous low-power monitoring of
impedance between 2 electrodes
–
7 MΩ range with 1 kΩ accuracy
•
PPG Transmitter:
–
8-Bit Programmable LED Current with range
adjustable from 25 mA to 250 mA
–
Mode to fire two LEDs in parallel
–
Support of 8 LEDs in Common Anode
configuration for SpO2, Multi-Wavelength HRM
•
PPG Receiver:
–
2 parallel receivers (two sets of TIA/ filter)
–
Supports 4 Time-Multiplexed Photodiode
Inputs to each Receiver
–
8-bit Ambient Offset subtraction at each TIA
input with 256 µA range
–
8-bit LED Offset Subtraction DAC with 64 µA
range
–
Automatic ambient cancellation and dynamic
LED DC cancellation at TIA input
–
Ambient rejection close to 100 dB up to 10 Hz
–
Noise filtering with programmable bandwidth
–
Trans-impedance Gain: 3.7 kΩ to 1 MΩ
•
Accurate, Continuous Heart-Rate Monitoring:
–
System SNR up to 109-dB at 16 µA PD
current
–
Low Current for Continuous Operation on a
Wearable Device with a Typical Value: 15-μA
for an LED, 20-μA for the Receiver
•
External clock and internal oscillator modes
•
Acquire data synchronized with system master
clock
•
FIFO with 256-sample Depth
•
SPI, I2C interfaces: Selectable by pin
•
2.6-mm × 2.5-mm DSBGA, 0.4-mm Pitch
•
Supplies: Rx:1.7-1.9V (LDO Bypass); 1.9-3.6V
(LDO Enabled), Tx:3-5.5V, IO:1.7-RX_SUP
2 Applications
•
Optical Heart-Rate Monitoring (HRM) for
Wearables, Hearables
•
High performance ECG signal acquisition
•
Synchronized PPG, ECG for BP estimation
•
Heart-rate variability (HRV)
•
Pulse oximetry (SpO2) measurements
3 Description
The AFE4950 device is an analog front-end (AFE) for
synchronized signal acquisition of PPG and ECG
signals. The device can also be used for optical bio-
sensing applications, such as heart-rate monitoring
(HRM) and saturation of peripheral capillary oxygen
(SpO2). The ECG signal chain supports 2- and 3-
electrode configurations and has an integrated Right
leg drive (RLD) buffer.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AFE4950
DSBGA (36)
2.60 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - AFE4950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4950 TI-AFE4950 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI2-AFE4950 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
REVISED JULY 2021
AFE4950YBGR TI-AFE4950YBGR Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950YBGR TI-AFE4950YBGR Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
More results

Similar Description - AFE4950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4410 TI1-AFE4410_17 Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com