Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3306M25 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3306M25
Description  AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3306M25 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC3306M25 Datasheet HTML 19Page - Texas Instruments AMC3306M25 Datasheet HTML 20Page - Texas Instruments AMC3306M25 Datasheet HTML 21Page - Texas Instruments AMC3306M25 Datasheet HTML 22Page - Texas Instruments AMC3306M25 Datasheet HTML 23Page - Texas Instruments AMC3306M25 Datasheet HTML 24Page - Texas Instruments AMC3306M25 Datasheet HTML 25Page - Texas Instruments AMC3306M25 Datasheet HTML 26Page - Texas Instruments AMC3306M25 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
R2
R4
AMC3306
Clearance area, to be
kept free of any
conductive materials.
To MCU I/O (optional)
From Clock Source (MCU)
To Digital Filter (MCU)
GND
INP
INN
3.3-V or 5-V supply
HGND
VDD
CLKIN
DOUT
DIAG
Top Metal
Inner or Bottom Layer Metal
Via
23
AMC3306M25
www.ti.com
SBAS996 – MAY 2020
Product Folder Links: AMC3306M25
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 2 lists components suitable for use with the AMC3306M25. This list is not exhaustive. Other components
may exist that are equally suitable (or better), however these listed components have been validated during the
development of the AMC3306M25.
Table 2. Recommended External Components
DESCRIPTION
PART NUMBER
MANUFACTURER
SIZE (EIA, L x W)
VDD
C8
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
C9
1 µF ± 10%, X7R, 25 V
12063C105KAT2A
AVX
1206, 3.2 mm x 1.6 mm
DC/DC CONVERTER
C4
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C3
1 nF ± 10%, X7R, 50 V
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C2
1 µF ± 10%, X7R, 25 V
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
HLDO
C1
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C5
100 nF ± 5%, NP0, 50 V
C3216NP01H104J160AA
TDK
1206, 3.2 mm x 1.6 mm
C6
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
10 Layout
10.1 Layout Guidelines
Figure 18 shows a layout recommendation with the critical placement of the decoupling capacitors. The same
reference designators are used as in the Power Supply Recommendations section. Decoupling capacitors are
placed as close as possible to the AMC3306M25 supply pins. For best performance, place the shunt resistor
close to the INP and INN inputs of the AMC3306M25 and keep the layout of both connections symmetrical.
This layout is used on the AMC3306M25 EVM and supports CISPR-11 compliant electromagnetic radiation
levels.
10.2 Layout Example
Figure 18. Recommended Layout of the AMC3306M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com