Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5926 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5926
Description  Silicon NPN triple diffusion planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5926 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5926 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5926 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Transistors
1
Publication date: November 2004
SJD00326AED
2SC5926
Silicon NPN triple diffusion planar type
For power amplification
■ Features
• High forward current transfer ratio h
FE which has satisfactory linearity.
• Low collector-emitter saturation voltage V
CE(sat)
• Allowing supply with the radial taping
■ Absolute Maximum Ratings T
C
= 25°C
■ Electrical Characteristics T
C
= 25°C ± 3°C
Unit: mm
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 10 mA, IB = 0
60
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 80 V, IE = 0
100
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 40 V, I
B
= 0
100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 6 V, IC = 0
100
µA
Forward current transfer ratio *
1
hFE1 *
2
VCE = 4 V, IC = 0.5 A
500
2 300
hFE2
VCE
= 4 V, I
C
= 3 A
100
Collector-emitter saturation voltage
VCE(sat)
IC = 1 A, IB = 20 mA
0.7
V
Turn-on time
ton
IC = 1 A, Resistance loaded
0.2
µs
Storage time
tstg
IB1
= 0.1 A, I
B2
= − 0.1 A
1.5
µs
Fall time
tf
VCC = 50 V
0.1
µs
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
80
V
Collector-emitter voltage (Base open)
VCEO
60
V
Emitter-base voltage (Collector open)
VEBO
6V
Collector current
IC
3A
Peak collector current
ICP
6A
Collector power dissipation
PC
15
W
Ta = 25°C
2.0
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Rank
Q
P
hFE1
500 to 1 500
1 300 to 2 300
10.0±0.2
0.65±0.1
0.35±0.1
2.5±0.2
123
0.65±0.1
1.2±0.1
1.48±0.2
2.25±0.2
C 1.0
0.55±0.1
0.55±0.1
2.5±0.2
1.05±0.1
5.0±0.1
1.0
±0.2
1: Base
2: Collector
3: Emitter
MT-4-A1 Package
Note) *: Non-repetitive peak collector current
Internal Connection
B
C
E


Similar Part No. - 2SC5926

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5900 SANYO-2SC5900 Datasheet
53Kb / 3P
SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SC5900 ISC-2SC5900 Datasheet
212Kb / 2P
High Switching Speed
logo
Panasonic Semiconductor
2SC5902 PANASONIC-2SC5902 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
logo
Inchange Semiconductor ...
2SC5902 ISC-2SC5902 Datasheet
271Kb / 2P
isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SC5904 PANASONIC-2SC5904 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
More results

Similar Description - 2SC5926

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com