Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD4000AS Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FPD4000AS
Description  2.5W PACKAGED POWER PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD4000AS Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD4000AS Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD4000AS Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD4000AS Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FPD4000AS
2.5W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filtronic.co.uk/semis
Revised: 05/26/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
PERFORMANCE (1.8 GHz)
♦ 34.5 dBm Output Power (P1dB)
♦ 12 dB Power Gain (G1dB)
♦ 45 dBm Output IP3
♦ 8V Operation
♦ 50% Power-Added Efficiency
♦ Evaluation Boards Available
♦ Design Data Available on Website
♦ Suitable for applications to 5 GHz
DESCRIPTION AND APPLICATIONS
The FPD4000AS is a packaged depletion mode AlGaAs/InGaAs pseudomorphic High Electron
Mobility Transistor (pHEMT), optimized for power applications in L-Band. The surface-mount
package has been optimized for low parasitics.
Typical applications include drivers or output stages in PCS/Cellular base station transmitter
amplifiers, as well as other power applications in WLL/WLAN amplifiers.
ELECTRICAL SPECIFICATIONS AT 22°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RF SPECIFICATIONS MEASURED AT f = 1.8 GHz USING CW SIGNAL
Power at 1dB Gain Compression
P1dB
VDS = 8V; IDQ = 700 mA
ΓS and ΓL tuned for Optimum IP3
33.5
34.5
dBm
Power Gain at dB Gain Compression
G1dB
VDS = 8V; IDQ = 700 mA
ΓS and ΓL tuned for Optimum IP3
10.5
12
Maximum Stable Gain
S21/S12
MSG
VDS = 8V; IDQ = 700 mA
PIN = 0dBm, 50Ω system
18
dB
Power-Added Efficiency
at 1dB Gain Compression
PAE
VDS = 8V; IDQ = 700 mA
ΓS and ΓL tuned for Optimum IP3
50
%
3rd-Order Intermodulation Distortion
ΓS and ΓL tuned for Optimum IP3
IM3
VDS = 8V; IDQ = 700 mA
POUT = 23 dBm (single-tone level)
-46
dBc
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
1.9
2.3
2.65
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS ≅ +1 V
3.6
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
2.4
mS
Gate-Source Leakage Current
IGSO
VGS = -3 V
70
170
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 8 mA
0.7
0.9
1.4
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 8 mA
6
10
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 8 mA
20
22
V
Thermal Resistivity (channel-to-case)
ΘCC
See Note on following page
16
°C/W
SEE PACKAGE OUTLINE FOR
MARKING CODE


Similar Part No. - FPD4000AS

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD4000AF FILTRONIC-FPD4000AF Datasheet
708Kb / 9P
4W PACKAGED POWER PHEMT
More results

Similar Description - FPD4000AS

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
PACKAGED 1W POWER PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
LP6836P100 FILTRONIC-LP6836P100 Datasheet
23Kb / 2P
Packaged 0.25W Power PHEMT
LP6836P70 FILTRONIC-LP6836P70 Datasheet
59Kb / 3P
PACKAGED MEDIUM POWER PHEMT
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
PACKAGED MEDIUM POWER PHEMT
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
Packaged 0.5W Power PHEMT
FPD1500P100 FILTRONIC-FPD1500P100 Datasheet
182Kb / 3P
1W PACKAGED POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
10W PACKAGED POWER PHEMT
FPD1000AS FILTRONIC-FPD1000AS_1 Datasheet
539Kb / 11P
1W PACKAGED POWER PHEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com