Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2011SPBF Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IR2011SPBF
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR2011SPBF Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IR2011SPBF Datasheet HTML 9Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 10Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 11Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 12Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 13Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 14Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 15Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 16Page - Infineon Technologies AG IR2011SPBF Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IR2011(S)PBF
13
www.irf.com
© 2015 International Rectifier
April 14, 2015
Figure 17. VCC and VBS Undervoltage Threshold (+)
vs. Temperature
Figure 18. VCC and VBS Undervoltage Threshold (-)
vs. Temperature
Figure 19A. Output Source Current vs. Temperature
Figure 19B. Output Source Current vs. Supply
Voltage
Figure 20A. Output Sink Current vs. Temperature
Figure 20B. Output Sink Currnt vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com