Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804455
Description  GMVSTBR 2,5/12-ST
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMVSTBR 2,5/12-ST
Order No.: 1737806
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1737806
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 12, Pitch: 7.5 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
028046
Note
Made-to-order
sales group
E113
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 268 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.5 mm
Dimension a
82.5 mm
Number of positions
12
Screw thread
M3


Similar Part No. - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804455 PHOENIX-0804455 Datasheet
254Kb / 14P
PCB terminal block, Push-in spring connection
0804455 PHOENIX-0804455 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
0804455 PHOENIX-0804455 Datasheet
141Kb / 5P
GMSTBA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
More results

Similar Description - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1737709 PHOENIX-1737709 Datasheet
92Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 2-ST
1737712 PHOENIX-1737712 Datasheet
93Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 3-ST
1737767 PHOENIX-1737767 Datasheet
96Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 8-ST
1832620 PHOENIX-1832620 Datasheet
95Kb / 7P
Plug - GMVSTBR 2,5/12-ST-7,62
1737741 PHOENIX-1737741 Datasheet
79Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 6-ST
1737754 PHOENIX-1737754 Datasheet
78Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 7-ST
1737770 PHOENIX-1737770 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 9-ST
1737796 PHOENIX-1737796 Datasheet
78Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/11-ST
1903122 PHOENIX-1903122 Datasheet
97Kb / 2P
GMVSTBR 2,5/ 3-ST-7,62 BK
1737725 PHOENIX-1737725 Datasheet
435Kb / 15P
GMVSTBR 2,5/ 4-ST - PCB connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com