Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804455
Description  GMVSTBW 2,5/ 6-ST
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMVSTBW 2,5/ 6-ST
Order No.: 1737851
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1737851
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 6, Pitch: 7.5 mm, Color: green, Metal surface: Sn
 
Commercial data
GTIN (EAN)
4
017918
028091
sales group
E113
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 269 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
17.7 mm
Pitch
7.5 mm
Dimension a
37.5 mm
Number of positions
6
Screw thread
M3


Similar Part No. - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804455 PHOENIX-0804455 Datasheet
254Kb / 14P
PCB terminal block, Push-in spring connection
0804455 PHOENIX-0804455 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
0804455 PHOENIX-0804455 Datasheet
141Kb / 5P
GMSTBA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
More results

Similar Description - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1737819 PHOENIX-1737819 Datasheet
95Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 2-ST
1737822 PHOENIX-1737822 Datasheet
95Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 3-ST
1832455 PHOENIX-1832455 Datasheet
95Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 6-ST-7,62
1737848 PHOENIX-1737848 Datasheet
107Kb / 6P
Printed-circuit board connector - GMVSTBW 2,5/ 5-ST
1737877 PHOENIX-1737877 Datasheet
77Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 8-ST
1737880 PHOENIX-1737880 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 9-ST
1737893 PHOENIX-1737893 Datasheet
78Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/10-ST
1737903 PHOENIX-1737903 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/11-ST
1737916 PHOENIX-1737916 Datasheet
78Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/12-ST
1737835 PHOENIX-1737835 Datasheet
361Kb / 15P
GMVSTBW 2,5/ 4-ST - PCB connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com