Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDL36110C Datasheet(PDF) 2 Page - Schneider Electric

Part # HDL36110C
Description  Circuit breaker, PowerPact H, thermal magnetic, 110A, 3 pole, 600V, 14kA, 100% rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HDL36110C Datasheet(HTML) 2 Page - Schneider Electric

  HDL36110C Datasheet HTML 1Page - Schneider Electric HDL36110C Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Product certifications
IEC
CE
UL Listed
CSA
Ambient air temperature for operation
104 °F (40 °C)
Ordering and shipping details
Category
01110 - HD,JD UNIT MT BREAKER/SWITCH
Discount Schedule
DE2
GTIN
00785901921868
Nbr. of units in pkg.
1
Package weight(Lbs)
1 lb(US) (0.45 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
PVC free
Yes
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com