Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5402 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5402
Description  1-Saving lithium iron phosphate battery charge balance IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5402 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5402 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5402 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8. 电气特性
8.1. 绝对最大额定值
表
4、绝对最大额定值(VSS=0V,Ta=25℃,除非特别说明)
项目
符号
规格
单位
VDD 和 VSS 之间输入电压
VDD
VSS-0.3~VSS+10
V
OUT 输出端子电压
VOUT
VSS-0.3~VDD+0.3
V
工作温度范围
TOP
-40~+85
℃
储存温度范围
TST
-40~+125
℃
容许功耗
PD
250
mW
8.2. 电气参数
表
5、电气参数(VSS=0V,Ta=25℃,除非特别说明。)
项目
符号
条件
最小值
典型值
最大值
单位
输入电压/耗电流
VDD-VSS 工作电压
VDSOP1 -
1.5
-
8
V
工作电流
IDD
VDD=3.2V
-
2.5
3.5
μA
待机电流
ISB
VDD=2.0V
-
0.15
0.5
μA
检测电压
3.2~4.0V,可调整
VCU -0.025
VCU
VCU +0.025
V
过充电检测电压
VCU
3.2~4.0V,可调整
-5℃~55℃(*1)
VCU -0.035
VCU
VCU +0.035
V
3.0~4.0V,可调整,
VCR≠VCU
VCR -0.035
VCR
VCR +0.035
V
过充电释放电压
VCR
3.0~4.0V,可调整,
VCR=VCU
VCR -0.035
VCR
VCR +0.025
V
待机检测电压
VSB
2.3
2.7
3.1
V
延时时间
过充电检测延迟时间
TOC
VDD=3.2V→4.5V
200
250
300
ms
控制端子输出电压
OUT 端子输出高电压
VOUT_H
VDD-0.1
VDD-0.02
-
V
OUT 端子输出低电压
VOUT_L
-
0.1
0.5
V
说明:
*1、此温度范围内的参数是设计保证值,而非高、低温实测筛选。
.
H
M5402
1 节磷酸铁锂电池充电平衡 IC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com