Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2BA Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # ES2BA
Description  Surface Mount Super Fast Glass Passivated Rectifiters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES2BA Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ES2BA Datasheet HTML 1Page - HY ELECTRONIC CORP. ES2BA Datasheet HTML 2Page - HY ELECTRONIC CORP. ES2BA Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SMA
●
Fast switching for high efficiency
●
Low cost
RoHS
●
Low reverse leakage current
COMPLIANT
●
High current capability
●
Low forward voltage drop
●
Meet UL flammability classification 94V-0
Mechanical Data
●
Case: JEDEC SMA Molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
ES2AA
ES2BA
ES2DA
ES2GA
ES2JA
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current @TA=50℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 2.0A DC (Note1)
VF
1.3
1.70
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 2)
TRR
nS
Typical Junction Capacitance (Note3)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
2. Measured with IF=0.5A,IR=1A,IRR=0.25A .
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
4. The typical data above is for reference only
ES2*A-13-00-00
Rev. 11, 18-May-2020
0.95
5.0
100
35
ES2AA THRU ES2JA
Reverse Voltage - 50 to 600 Volts
Forward Current - 2.0 Amperes
Package Outline Dimensions in Inches (Millimeters)
www.hygroup.com.tw
Surface Mount Super Fast Glass
Passivated Rectifiters
50
Notes: 1. 300uS pulse width, 2%duty cycle.
IFSM
IR
Pb
A
μA
40
30
25
-55 to +150
-55 to +150
2.0


Similar Part No. - ES2BA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES2BA DIODES-ES2BA Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Taiwan Semiconductor Co...
ES2BA TSC-ES2BA Datasheet
54Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
ES2BA TSC-ES2BA Datasheet
134Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES2BA BILIN-ES2BA Datasheet
70Kb / 2P
SURFACE MOUNT RECTIFIER
logo
GOOD-ARK Electronics
ES2BA GOOD-ARK-ES2BA Datasheet
149Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results

Similar Description - ES2BA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ES1AA HY-ES1AA Datasheet
411Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1AB HY-ES1AB Datasheet
397Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1AL HY-ES1AL_V01 Datasheet
418Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES2A HY-ES2A_V01 Datasheet
414Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES3A HY-ES3A_V01 Datasheet
414Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES3AB HY-ES3AB_V01 Datasheet
415Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
ES1A HY-ES1A_V01 Datasheet
441Kb / 3P
Surface Mount Super Fast Glass Passivated Rectifiters
SF11G HY-SF11G_V01 Datasheet
401Kb / 3P
Super Fast Glass Passivated Rectifiters
SF21G HY-SF21G_V01 Datasheet
407Kb / 3P
Super Fast Glass Passivated Rectifiters
SF31G HY-SF31G_V01 Datasheet
351Kb / 2P
Super Fast Glass Passivated Rectifiters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com